Electronic Components Datasheet Search
  English  ▼

X  

MP8865 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8865 Datasheet HTML 15Page - Monolithic Power Systems MP8865 Datasheet HTML 16Page - Monolithic Power Systems MP8865 Datasheet HTML 17Page - Monolithic Power Systems MP8865 Datasheet HTML 18Page - Monolithic Power Systems MP8865 Datasheet HTML 19Page - Monolithic Power Systems MP8865 Datasheet HTML 20Page - Monolithic Power Systems MP8865 Datasheet HTML 21Page - Monolithic Power Systems MP8865 Datasheet HTML 22Page - Monolithic Power Systems MP8865 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
19
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
MP8865 I2C Chip Address
ADD sets the MP8865 address. The default 7-
bit address of the MP8865 is
“68” (hex) or
“1101000” (binary) if ADD is floated or pulled up
to VCC. The other address of the MP8865 is
“60” (hex) or “1100000” (binary) if ADD is pulled
to ground. When the master sends the address
as an 8-bit value, the 7-bit address should be
followed
by
“0/1”
to
indicate
write/read
operation (see Table 1).
TABLE 1. MP8865 Address
ADD
Address (Hex)
Address (Binary)
A7
A6
A5
A4
A3
A2
A1
A0
(R/W)
Float or Connected to
VCC
D0
1
1
0
1
0
0
0
0
D1
1
1
0
1
0
0
0
1
Connected to GND
C0
1
1
0
0
0
0
0
0
C1
1
1
0
0
0
0
0
1
MP8865 Register Address
The MP8865 contains four registers: register 00
to register 03. Register 00 sets the output
voltage and decides whether the output voltage
is controlled by the FB resistor divider or is set
by
I2C. Register 01 sets the MP8865 operating
features. Register 02 and 03 are the only read
registers. Register 03 indicates the MP8865
status. The register map is shown in next
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com