Electronic Components Datasheet Search
  English  ▼

X  

MP8865 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8865 Datasheet HTML 3Page - Monolithic Power Systems MP8865 Datasheet HTML 4Page - Monolithic Power Systems MP8865 Datasheet HTML 5Page - Monolithic Power Systems MP8865 Datasheet HTML 6Page - Monolithic Power Systems MP8865 Datasheet HTML 7Page - Monolithic Power Systems MP8865 Datasheet HTML 8Page - Monolithic Power Systems MP8865 Datasheet HTML 9Page - Monolithic Power Systems MP8865 Datasheet HTML 10Page - Monolithic Power Systems MP8865 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
7
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
I2C Port Signal Characteristics
Parameter
Symbol
Condition
Cb=100pF
Cb=400pF
Units
Min
Max
Min
Max
SCLH and SCL Clock
Frequency
fSCHL
0
3.4
0
0.4
MHz
Set-Up Time for a Repeated
Start Condition
TSU;STA
160
-
600
-
ns
Hold Time (repeated) Start
Condition
THD;STA
160
-
600
-
ns
Low Period of the SCL Clock
tLOW
160
-
1300
-
ns
High Period of the SCL Clock
tHIGH
60
-
600
-
ns
Data Set-Up Time
TSU:DAT
10
-
100
-
ns
Data Hold Time
THD;DAT
0
70
0
-
ns
Rise Time of SCLH Signal
trCL
10
40
20*0.1Cb
300
ns
Rise Time of SCLH Signal
after a Repeated Start
Condition and after an
Acknowledge Bit
tfCL1
10
80
20*0.1Cb
300
ns
Fall Time of SCLH Signal
TfCL
10
40
20*0.1Cb
300
ns
Rise Time of SDAH Signal
tfDA
10
80
20*0.1Cb
300
ns
Fall Time of SDAH Signal
TfDA
10
80
20*0.1Cb
300
ns
Set-Up Time for Stop
Condition
TSU;STO
160
-
600
-
ns
Bus Free Time between a
Stop and Start Condition
TBUF
160
-
1300
-
ns
Data Valid Time
TVD;DAT
-
16
-
90
ns
Data Valid Acknowledge
Time
TVD;ACK
-
160
-
900
ns
Capacitive Load for each Bus
Line
Cb
SDAH and SCLH Line
-
100
-
400
pF
SDAH+SDA Line and
SCLH+SCL Line
-
400
-
400
pF
Noise Margin at the Low
Level
Ci
For each Connected
Device
-
0.1VBus
0.1VBus
-
V
Noise Margin at the High
Level
VnH
For each Connected
Device
-
0.2VBus
0.2VBus
-
V
Notes:
VBus is the I2C bus voltage, 3.0V to 3.6V range (3.3V typically).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com