Electronic Components Datasheet Search
  English  ▼

X  

MP8865 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8865 Datasheet HTML 1Page - Monolithic Power Systems MP8865 Datasheet HTML 2Page - Monolithic Power Systems MP8865 Datasheet HTML 3Page - Monolithic Power Systems MP8865 Datasheet HTML 4Page - Monolithic Power Systems MP8865 Datasheet HTML 5Page - Monolithic Power Systems MP8865 Datasheet HTML 6Page - Monolithic Power Systems MP8865 Datasheet HTML 7Page - Monolithic Power Systems MP8865 Datasheet HTML 8Page - Monolithic Power Systems MP8865 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
5
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
I/O Level Characteristics
Parameter
Symbol Condition
HS-Mode
LS-Mode
Units
Min
Max
Min
Max
Low-Level Input
Voltage
VIL
-0.5
0.3VBus
-0.5
0.3VBus
V
High-Level Input
Voltage
VIH
0.7VBus
VBus+0.5
0.7VBus
VBus+0.5
V
Hysteresis of Schmitt
Trigger Inputs
VHYS
VBus>2V
0.05VBus
-
0.05VBus
-
V
VBus<2V
0.1VBus
-
0.1VBus
-
Low-Level Output
Voltage(Open drain)
at 3mA Sink Current
VOL
VBus>2V
0
0.4
0
0.4
V
VBus<2V
0
0.2VBus
0
0.2VBus
Low-Level Output
Current
IOL
-
3
-
3
mA
Transfer Gate On
Resistance for
Currents between
SDA and SCAH, or
SCL and SCLH
RonL
VOL Level,
IOL=3mA
-
50
-
50
Ω
Transfer Gate On
Resistance between
SDA and SCAH, or
SCL and SCLH
RonH
Both Signals (SDA
and SDAH, or SCL
and SCLH) at VBus
Level
50
-
50
-
kΩ
Pull-Up Current of
the SCLH Current
Source
Ics
SCLH Output
Levels between
0.3VBus and 0.7VBus
2
6
2
6
mA
Rise Time of the
SCLH or SCL Signal
trCL
Output Rise Time
(Current Source
Enabled) with an
External Pull-Up
Current Source of
3mA
Capacitive Load
from 10pF to
100pF
10
40
ns
Capacitive Load of
400pF
20
80
ns
Fall Time of the
SCLH or SCL Signal
tfCL
Output Fall Time
(Current Source
Enabled) with an
External Pull-Up
Current Source of
3mA
Capacitive Load
from 10pF to
100pF
10
40
ns
Capacitive Load of
400pF
20
80
20
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com