Electronic Components Datasheet Search
  English  ▼

X  

MP8865 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8865 Datasheet HTML 1Page - Monolithic Power Systems MP8865 Datasheet HTML 2Page - Monolithic Power Systems MP8865 Datasheet HTML 3Page - Monolithic Power Systems MP8865 Datasheet HTML 4Page - Monolithic Power Systems MP8865 Datasheet HTML 5Page - Monolithic Power Systems MP8865 Datasheet HTML 6Page - Monolithic Power Systems MP8865 Datasheet HTML 7Page - Monolithic Power Systems MP8865 Datasheet HTML 8Page - Monolithic Power Systems MP8865 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
3
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
FB
SS
VCC
11
12
13
4
5
6
7
PG
SDA
SCL
ADD
14
AGND
VOUT
3
EN/SYNC
15
2
BST
1
SW
10
PGND
9
VIN
8
PGND
QFN-15 (3mmx3mm)
ABSOLUTE MAXIMUM RATINGS (1)
VIN …………………………….. ........-0.3V to 22V
VSW………………………………………………………………………………
-0.3V (-5V for <10ns) to VIN+0.3V (27V for
<25ns)
VBST
……………………………. .. VSW+5.5V
All Other Pins……………… ....... -0.3V to 5.4V (2)
Continuous Power Dissipation (TA = +25°C) (3)
………………………………………………...2.5W
Junction Temperature
………………….….150°C
Lead Temperature…………………………260°C
Storage Temperature
……………-65°C to 150°C
Recommended Operating Conditions
(4)
Supply Voltage VIN…………………..4.5V to 21V
Output Voltage VOUT………… .............................
………………………0.6V to VIN x DMAX or 5.2V(5)
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(6)
θJA
θJC
QFN-15 (3mm
x3mm)….. ...... …50…12…°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Please refer to
the “Enable/SYNC” control section on page 15
for the absolute maximum rating of EN.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) The output voltage CANNOT exceed the 5.2V absolute
maximum value at any input condition.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com