Electronic Components Datasheet Search
  English  ▼

X  

MP8869 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8869 Datasheet HTML 13Page - Monolithic Power Systems MP8869 Datasheet HTML 14Page - Monolithic Power Systems MP8869 Datasheet HTML 15Page - Monolithic Power Systems MP8869 Datasheet HTML 16Page - Monolithic Power Systems MP8869 Datasheet HTML 17Page - Monolithic Power Systems MP8869 Datasheet HTML 18Page - Monolithic Power Systems MP8869 Datasheet HTML 19Page - Monolithic Power Systems MP8869 Datasheet HTML 20Page - Monolithic Power Systems MP8869 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869 Rev.1.0
www.MonolithicPower.com
17
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP8869 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter.
The MP9969 uses constant-on-time (COT)
control to provide fast transient response and
easy loop stabilization. Figure 2 shows the
simplified ramp compensation block. At the
beginning of each cycle, the high-side MOSFET
(HS-FET) turns on whenever the ramp voltage
(VRamp) is lower than the error amplifier output
voltage (VEAO), which indicates an insufficient
output voltage. The on period is determined by
both the output voltage and input voltage to
make the switching frequency fairly constant
over the input voltage range.
After the on period elapses, the HS-FET enters
the off state. By cycling the HS-FET between
the on and off states, the converter regulates
the output voltage. The integrated low-side
MOSFET (LS-FET) turns on when the HS-FET
is in its off state to minimize conduction loss.
Shoot-through occurs when both the HS-FET
and LS-FET are turned on at the same time,
causing a dead short between input and GND
and
reducing
efficiency
dramatically.
The
MP8869 prevents this by generating a dead-
time (DT) internally between when the HS-FET
is off and the LS-FET is on, and when the LS-
FET is off and the HS-FET is on. The device
enters either heavy-load operation or light-load
operation depending on the amplitude of the
output current.
VOUT
L
Cout
RESR
R1
R2
On Timer
Logic
Control
REF
SW
RAMP
FB/VOUT
HS
driver
LS
driver
VIN
Figure 2: Simplified Compensation Block
Switching Frequency
The MP8869 uses constant-on-time (COT)
control, so there is no dedicated oscillator in the
IC. The input voltage is fed into the on-time
one-shot timer through the internal frequency
resistor. The duty ratio is VOUT/VIN, and the
switching frequency is fairly constant over the
input voltage range.
The MP8869
’s switching frequency can be
adjusted by setting the two bits D[5:4] in
register 02 through I
2C communication. When
the output voltage setting is low and the input
voltage is high, the switching on-time may be
limited by the internal minimum on-time limit,
and switching frequency decreases. Table 1
shows the maximum switching frequency vs.
the output voltage when VIN = 12V and VIN =
5V.
Table 1: Maximum Frequency Selection vs.
Output Voltage
Maximum Frequency Selecting
Vo (V)
VIN = 12V
VIN = 5V
5
1.25MHz
/
3.3
1.25MHz
1.25MHz
2.5
1.25MHz
1.25MHz
1.8
1.25MHz
1.25MHz
1.5
1.25MHz
1.25MHz
1.2
1MHz
1.25MHz
1
750kHz
1.25MHz
0.9
750kHz
1.25MHz
0.6
500kHz
1.25MHz
Forced PWM Operation
When the MP8869 works in forced PWM mode,
the MP8869 enters continuous
conduction
mode (CCM), where the HS-FET and LS-FET
repeat the on/off operation, even if the inductor
current is zero or a negative value. The
switching frequency (FSW) is fairly constant.
Figure 3 shows the timing diagram during this
operation.
Figure 3: Forced PWM Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com