Electronic Components Datasheet Search
  English  ▼

X  

MP8869 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP8869 Datasheet HTML 26Page - Monolithic Power Systems MP8869 Datasheet HTML 27Page - Monolithic Power Systems MP8869 Datasheet HTML 28Page - Monolithic Power Systems MP8869 Datasheet HTML 29Page - Monolithic Power Systems MP8869 Datasheet HTML 30Page - Monolithic Power Systems MP8869 Datasheet HTML 31Page - Monolithic Power Systems MP8869 Datasheet HTML 32Page - Monolithic Power Systems MP8869 Datasheet HTML 33Page - Monolithic Power Systems MP8869 Datasheet HTML 34Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869 Rev.1.0
www.MonolithicPower.com
30
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage in a FB Control
Loop
The MP8869 can be controlled by the FB loop
or I
2C loop. The FB loop is the default loop
during power-up or EN on. In this case, the
output voltage can be set by the external
resistor dividers. The FB loop reference voltage
is
a
fixed
value
(0.6V)
and
cannot
be
programmed by the I
2C.
The FB loop network is shown in Figure 10.
FB
R2
R1
VOUT
Rt
Figure 10: FB Loop Network
Choose R1 and R2 with Equation (4):
1
6
.
0
1
2
V
V
R
R
OUT
(4)
Table
6 lists the recommended
feedback
resistors value for common output voltages.
Table 6: Resistor Selection for Common Output
Voltages
(8)
VOUT (V)
R1 (kΩ) R2 (kΩ)
Rt (
kΩ)
L
(μH)
1.0
80.6
120
10
1.5
1.2
80.6
80.6
10
1.5
1.5
80.6
53.6
10
1.5
1.8
80.6
40.2
10
1.5
2.5
80.6
25.5
10
2.2
3.3
80.6
17.8
10
2.2
5
80.6
11
10
3.3
NOTE:
8)
The recommended parameters are based on a 12V input
voltage and 22µFx4 output capacitor. Different input voltage
and output capacitor values may affect the selection of R1
and R2
. For other components’ parameters, please refer to
the Typical Application Circuits on page 34.
Setting the Output Voltage in an I
2C Control
Loop
After the part powers up and EN turns on, the
FB loop can be programmed to the I
2C loop
sensing (VOUT) by setting V_BOOT = 0. In this
case, the output voltage can be set by the I
2C
from 0.6V to 1.87V. Refer to Table 3 for more
details about the output voltage setting.
Output Voltage Dynamic Scale
The output voltage dynamic scaling can be
done only in the I
2C control loop. Refer to
Figure 11 and follow the steps below.
1. Write GO_BIT (Reg01[6]) to 1.
2. Write Reg00 to select the feedback loop by
setting V_BOOT (Reg00[7]) and setting the
reference voltage by Output Reference
(Reg00[6:0])
simultaneously.
When
the
command is finished, GO_BIT auto-resets
to 0 to prevent false operation of the VOUT
scaling.
Repeat the above two steps if the output
voltage needs to be changed to a different
voltage.
Voltage scaling
start
Write Reg01[6]
“GO_BIT”=1
Write Reg00 (Set
“V_BOOT”=0 &
“Vref”code)
Voltage scaling is done
Figure 11: Loop Switch and Output Voltage
Dynamic Scale Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com