Electronic Components Datasheet Search
  English  ▼

X  

MP8869 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8869 Datasheet HTML 1Page - Monolithic Power Systems MP8869 Datasheet HTML 2Page - Monolithic Power Systems MP8869 Datasheet HTML 3Page - Monolithic Power Systems MP8869 Datasheet HTML 4Page - Monolithic Power Systems MP8869 Datasheet HTML 5Page - Monolithic Power Systems MP8869 Datasheet HTML 6Page - Monolithic Power Systems MP8869 Datasheet HTML 7Page - Monolithic Power Systems MP8869 Datasheet HTML 8Page - Monolithic Power Systems MP8869 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
MP8869
17V, 12A, High-Efficiency, Synchronous
Step-Down Converter with Integrated
Telemetry via I
2C Interface
MP8869 Rev.1.0
www.MonolithicPower.com
1
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP8869 is a high-frequency, synchronous,
rectified,
step-down,
switch-mode
converter
with an I
2C control interface. It offers a fully
integrated
solution
that
achieves
12A
of
continuous and 15A of peak output current with
excellent load and line regulation over a wide
input supply range.
In the I
2C control loop, the output voltage level
can be controlled on-the-fly through an I
2C
serial interface. The voltage range can be
adjusted from 0.6V to 1.87V in 10mV steps.
Voltage slew rate, frequency, current limit,
hiccup/latch-off protection, enable, and power
saving mode are also selectable through the I
2C
interface.
Constant-on-time
(COT)
control
operation
provides fast transient response. An open-drain
power good (PG) pin indicates that the output
voltage is in the nominal range. Full protection
features include over-voltage protection (OVP),
over-current protection (OCP), and thermal
shutdown.
The
MP8869
is
available
in
a
QFN-14
(3mmx4mm) package.
FEATURES
 Wide 4.5V to 17V Operating Input Range
 12A Continuous/15A Peak Output Current
 1% Internal Reference Accuracy
 I2C Programmable Output Range from 0.6V
to 1.87V in 10mV Steps with Slew Rate
Control
 5% Accuracy Output Voltage and Output
Current Readback via I
2C
 Selectable PFM/PWM Mode, Adjustable
Frequency and Current Limit through I
2C
 4 Different Selectable I2C Addresses
 External Soft Start
 Open-Drain Power Good Indication
 Output Over-Voltage Protection (OVP)
 Hiccup/Latch-Off OCP
 Available in a QFN-14 (3mmx4mm)
Package
APPLICATIONS
 Solid-State Drives (SSDs)
 Flat-Panel Television and Monitors
 Digital Set-Top Boxes
 Distributed Power Systems
 Networking/Servers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8869
SCL
EN
VIN
C1
22µFx2
SDA
VIN
VO
AGND
C2
22µFx4
PG
VOUT
4.5V-17V
L1
1.5µH
I2C Bus
{
1V/12A
VCC
C5
470nF
SS
BST
C6
22nF
C3
100nF
A0
SW
PGND
FB
R2
120k
R1
80.6k
EN
PG


Similar Part No. - MP8869

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8869S MPS-MP8869S Datasheet
2Mb / 39P
18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869SGL MPS-MP8869SGL Datasheet
2Mb / 39P
18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869W MPS-MP8869W Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869W MPS-MP8869W Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
MP8869WGL MPS-MP8869WGL Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
More results

Similar Description - MP8869

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8867 MPS-MP8867 Datasheet
967Kb / 27P
High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8869S MPS-MP8869S Datasheet
2Mb / 39P
18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869W MPS-MP8869W Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
MP8861 MPS-MP8861 Datasheet
1Mb / 37P
2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
Rev. 1.1 5/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com