Electronic Components Datasheet Search
  English  ▼

X  

MP8869 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP8869 Datasheet HTML 28Page - Monolithic Power Systems MP8869 Datasheet HTML 29Page - Monolithic Power Systems MP8869 Datasheet HTML 30Page - Monolithic Power Systems MP8869 Datasheet HTML 31Page - Monolithic Power Systems MP8869 Datasheet HTML 32Page - Monolithic Power Systems MP8869 Datasheet HTML 33Page - Monolithic Power Systems MP8869 Datasheet HTML 34Page - Monolithic Power Systems MP8869 Datasheet HTML 35Page - Monolithic Power Systems MP8869 Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8869 Rev.1.0
www.MonolithicPower.com
32
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
External Bootstrap Diode
An external bootstrap diode can enhance the
efficiency of the regulator given the following
conditions:
 VOUT is 5V or 3.3V
 Duty cycle is high: D > 50%
In these cases, add an external BST diode from
VCC to BST (see Figure 12).
MP8869
Figure 12: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
IN4148, and the recommended BST capacitor
value is 0.1μF to 1μF.
PCB Layout Guidelines
(9)
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 13
and follow the guidelines below. A four-layer
layout is strongly recommended to achieve
better thermal performance.
1. Place the high-current paths (PGND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
2. Keep the VIN and PGND pads connected
with large copper planes.
3. Use at least two layers for the IN and PGND
trace to achieve better thermal performance.
4. Add several vias close to the IN and PGND
pads to help with thermal dissipation.
5. Place the input capacitors as close to VIN
and PGND as possible.
6. Place the decoupling capacitor as close to
VCC and PGND as possible.
7. Place the external feedback resistors next
to FB.
8. Ensure that there is no via on the FB trace.
9. Keep the switching node SW short and
away from the feedback network.
10. Keep the BST voltage path (BST, C3, and
SW) as short as possible.
NOTE:
9)
The
recommended
layout
is
based
on
the
Typical
Application circuit on page 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com