Electronic Components Datasheet Search
  English  ▼

X  

MP8869 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8869 Datasheet HTML 4Page - Monolithic Power Systems MP8869 Datasheet HTML 5Page - Monolithic Power Systems MP8869 Datasheet HTML 6Page - Monolithic Power Systems MP8869 Datasheet HTML 7Page - Monolithic Power Systems MP8869 Datasheet HTML 8Page - Monolithic Power Systems MP8869 Datasheet HTML 9Page - Monolithic Power Systems MP8869 Datasheet HTML 10Page - Monolithic Power Systems MP8869 Datasheet HTML 11Page - Monolithic Power Systems MP8869 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869 Rev.1.0
www.MonolithicPower.com
8
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
I
2C PORT SIGNAL CHARACTERISTICS
Parameter
Symbol
Condition
Cb = 100pF
Cb = 400pF
Units
Min
Max
Min
Max
SCLH and SCL clock
frequency
fSCHL
0
3.4
0
0.4
MHz
Set-up time for a
repeated start condition
τ
SU;STA
160
-
600
-
ns
Hold-time (repeated)
start condition
τ
HD;STA
160
-
600
-
ns
Low period of the SCL
clock
τ
LOW
160
-
1300
-
ns
High period of the SCL
clock
tHIGH
60
-
600
-
ns
Data set-up time
τ
SU:DAT
10
-
100
-
ns
Data hold time
τ
HD;DAT
0
70
0
-
ns
Rise time of SCLH signal
τ
rCL
10
40
20*0.1Cb
300
ns
Rise time of SCLH signal
after a repeated start
condition and after an
acknowledge bit
τ
fCL1
10
80
20*0.1Cb
300
ns
Fall time of SCLH signal
τ
fCL
10
40
20*0.1Cb
300
ns
Rise time of SDAH signal
τ
fDA
10
80
20*0.1Cb
300
ns
Fall time of SDAH signal
τ
fDA
10
80
20*0.1Cb
300
ns
Set-up time for stop
condition
τ
SU;STO
160
-
600
-
ns
Bus free time between a
stop and start condition
τ
BUF
160
-
1300
-
ns
Data valid time
τ
VD;DAT
-
16
-
90
ns
Data valid acknowledge
time
τ
VD;ACK
-
160
-
900
ns
Capacitive load for each
bus line
Cb
SDAH and SCLH line
-
100
-
400
pF
SDAH + SDA line and
SCLH + SCL line
-
400
-
400
pF
Noise margin at the low
level
Ci
For each connected
device
-
0.1VCC
0.1VCC
-
V
Noise margin at the high
level
VnH
For each connected
device
-
0.2VCC
0.2VCC
-
V
NOTE:
VCC is the I
2C bus voltage, 3.0V to 3.6V range, 3.3V typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com