Electronic Components Datasheet Search
  English  ▼

X  

MP8869 Datasheet(PDF) 31 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 31 Page - Monolithic Power Systems

Back Button MP8869 Datasheet HTML 27Page - Monolithic Power Systems MP8869 Datasheet HTML 28Page - Monolithic Power Systems MP8869 Datasheet HTML 29Page - Monolithic Power Systems MP8869 Datasheet HTML 30Page - Monolithic Power Systems MP8869 Datasheet HTML 31Page - Monolithic Power Systems MP8869 Datasheet HTML 32Page - Monolithic Power Systems MP8869 Datasheet HTML 33Page - Monolithic Power Systems MP8869 Datasheet HTML 34Page - Monolithic Power Systems MP8869 Datasheet HTML 35Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8869 Rev.1.0
www.MonolithicPower.com
31
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Selecting the Inductor
Use a 0.47µH-to-5µH inductor with a DC
current rating at least 25% percent higher than
the
maximum
load
current
for
most
applications. For highest efficiency, use an
inductor with a DC resistance less than 5
mΩ.
For most designs, the inductance value can be
derived from Equation (5):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
(5)
Where
∆I
L is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30%
of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (6):
2
I
I
I
L
LOAD
)
MAX
(
L
(6)
Use a larger inductor for improved efficiency
under light-load conditions below 100mA.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. Use low ESR capacitors for best
performance. Ceramic capacitors with X5R or
X7R dielectrics are recommended because of
their
low
ESR
and
small
temperature
coefficients. For most applications, use two
22µF capacitors.
Since C1 absorbs the input switching current, it
requires an adequate ripple current rating. The
RMS current in the input capacitor can be
estimated with Equation (7):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(7)
The worst-case condition occurs at VIN =
2VOUT, shown in Equation (8):
2
I
I
LOAD
1
C
(8)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The
input
capacitor
can
be
electrolytic,
tantalum, or ceramic. When using electrolytic or
tantalum capacitors, add a small, high-quality,
ceramic capacitor (e.g.:
0.1μF) placed as close
to the IC as possible. When using ceramic
capacitors, ensure that they have enough
capacitance to provide a sufficient charge to
prevent excessive voltage ripple at input. The
input voltage ripple caused by the capacitance
can be estimated with Equation (9):
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 


(9)
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. For best results,
use low ESR capacitors to keep the output
voltage ripple low. The output voltage ripple can
be estimated with Equation (10):
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
  (10)
Where L1 is the inductor value, and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency and causes the majority of the output
voltage ripple. For simplification, the output
voltage ripple can be estimated with Equation
(11):
OUT
OUT
OUT
2
IN
S1
VV
ΔV
1
V
8 f
L
C2

 

 

(11)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (12):
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V

 


(12)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP8869 can be optimized for a wide range of
capacitance and ESR values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com