Electronic Components Datasheet Search
  English  ▼

X  

MP8869 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8869 Datasheet HTML 2Page - Monolithic Power Systems MP8869 Datasheet HTML 3Page - Monolithic Power Systems MP8869 Datasheet HTML 4Page - Monolithic Power Systems MP8869 Datasheet HTML 5Page - Monolithic Power Systems MP8869 Datasheet HTML 6Page - Monolithic Power Systems MP8869 Datasheet HTML 7Page - Monolithic Power Systems MP8869 Datasheet HTML 8Page - Monolithic Power Systems MP8869 Datasheet HTML 9Page - Monolithic Power Systems MP8869 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869 Rev.1.0
www.MonolithicPower.com
6
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
I/O LEVEL CHARACTERISTICS
Parameter
Symbol Condition
HS-Mode
LS-Mode
Units
Min
Max
Min
Max
Low-level input voltage
VIL
-0.5
0.3VCC
-0.5
0.3VCC
V
High-level input voltage
VIH
0.7VCC
VCC +
0.5
0.7VCC
VCC +
0.5
V
Hysteresis of Schmitt trigger
inputs
VHYS
VCC > 2V
0.05VCC
-
0.05VCC
-
V
VCC < 2V
0.1VCC
-
0.1VCC
-
Low-level output voltage
(open drain) at 3mA sink
current
VOL
VCC > 2V
0
0.4
0
0.4
V
VCC < 2V
0
0.2VCC
0
0.2VCC
Low-level output current
IOL
-
3
-
3
mA
Transfer gate on resistance
for currents between SDA
and SCAH, or SCL and
SCLH
RonL
VOL level, IOL = 3mA
-
50
-
50
Ω
Transfer gate on resistance
between SDA and SCAH, or
SCL and SCLH
RonH
Both signals (SDA and
SDAH, or SCL and SCLH)
at VCC level
50
-
50
-
kΩ
Pull-up current of the SCLH
current source
Ics
SCLH output levels
between 0.3VCC and
0.7VCC
2
6
2
6
mA
Rise time of the SCLH or
SCL signal
trCL
Output rise time (current
source enabled) with an
external pull-up current
source of 3mA
Capacitive load from 10pF
to 100pF
10
40
ns
Capacitive load of 400pF
20
80
ns
Fall time of the SCLH or SCL
signal
tfCL
Output fall time (current
source enabled) with an
external pull-up current
source of 3mA
Capacitive load from 10pF
to 100pF
10
40
ns
Capacitive load of 400pF
20
80
20
250
ns
Rise time of SDAH signal
trDA
Capacitive load from 10pF
to 100pF
10
80
-
-
ns
Capacitive load of 400pF
20
160
20
250
ns
Fall time of SDAH signal
tfDA
Capacitive load from 10pF
to 100pF
10
80
-
-
ns
Capacitive load of 400pF
20
160
20
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com