Electronic Components Datasheet Search
  English  ▼

X  

MP8869 Datasheet(PDF) 35 Page - Monolithic Power Systems

Part # MP8869
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869 Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button MP8869 Datasheet HTML 29Page - Monolithic Power Systems MP8869 Datasheet HTML 30Page - Monolithic Power Systems MP8869 Datasheet HTML 31Page - Monolithic Power Systems MP8869 Datasheet HTML 32Page - Monolithic Power Systems MP8869 Datasheet HTML 33Page - Monolithic Power Systems MP8869 Datasheet HTML 34Page - Monolithic Power Systems MP8869 Datasheet HTML 35Page - Monolithic Power Systems MP8869 Datasheet HTML 36Page - Monolithic Power Systems MP8869 Datasheet HTML 37Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869 Rev.1.0
www.MonolithicPower.com
35
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
MP8869
VIN
9
5
PG
A0
SS
SDA
SCL
BST
SW
VOUT
VCC
PGND
AGND
FB
EN
C5
0.47μF
RPG
100kΩ
C1
22µF
R2
40.2kΩ
R4
10kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R3
0Ω
C3
0.1µF
C2B
22µF
R1
80.6kΩ
L1
1.5µH
C4
22pF
C6
22nF
VIN
12V
PG
SDA
SCL
VOUT
1.8V/12A
13
7
4
3
6
14
8
12
11
10
2
1
C2C
22µF
EN
R5
499kΩ
RA0_up
RA0_down
NS
(I2C slave address setup
by A0 resistor divider)
VCC
Figure 17: VIN = 12V, VOUT = 1.8V, IOUT = 12A
MP8869
VIN
9
5
PG
A0
SS
SDA
SCL
BST
SW
VOUT
VCC
PGND
AGND
FB
EN
C5
0.47μF
RPG
100kΩ
C1
22µF
R2
25.5kΩ
R4
10kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R3
0Ω
C3
0.1µF
C2B
22µF
R1
80.6kΩ
L1
2.2µH
C4
22pF
C6
22nF
VIN
12V
PG
SDA
SCL
VOUT
2.5V/12A
13
7
4
3
6
14
8
12
11
10
2
1
C2C
22µF
EN
R5
499kΩ
RA0_up
RA0_down
NS
(I2C slave address setup
by A0 resistor divider)
VCC
Figure 18: VIN = 12V, VOUT = 2.5V, IOUT = 12A
MP8869
VIN
9
5
PG
A0
SS
SDA
SCL
BST
SW
VOUT
VCC
PGND
AGND
FB
EN
C5
0.47μF
RPG
100kΩ
C1
22µF
R2
17.8kΩ
R4
10kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R3
0Ω
C3
0.1µF
C2B
22µF
R1
80.6kΩ
L1
2.2µH
C4
22pF
C6
22nF
VIN
12V
PG
SDA
SCL
VOUT
3.3V/12A
13
7
4
3
6
14
8
12
11
10
2
1
C2C
22µF
EN
R5
499kΩ
RA0_up
RA0_down
NS
(I2C slave address setup
by A0 resistor divider)
VCC
Figure 19: VIN = 12V, VOUT = 3.3V, IOUT = 12A
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com