Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3429GL
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3429GL Datasheet HTML 13Page - Monolithic Power Systems MP3429GL Datasheet HTML 14Page - Monolithic Power Systems MP3429GL Datasheet HTML 15Page - Monolithic Power Systems MP3429GL Datasheet HTML 16Page - Monolithic Power Systems MP3429GL Datasheet HTML 17Page - Monolithic Power Systems MP3429GL Datasheet HTML 18Page - Monolithic Power Systems MP3429GL Datasheet HTML 19Page - Monolithic Power Systems MP3429GL Datasheet HTML 20Page - Monolithic Power Systems MP3429GL Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
17
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Start-Up
When the MP3429 input is powered, it starts
charging VDD from VIN. Once VDD rises above
its UVLO threshold and EN is high, the MP3429
starts switching with closed loop control. If VDD
is powered by an additional supply, the MP3429
starts switching once VDD rises above its under-
voltage lockout (UVLO) threshold.
After the IC is enabled, the MP3429 starts up
with a soft-start (SS) control. The SS signal is
controlled
by
charging
SS
from
0V
and
compared with the internal reference voltage.
The lower value is fed to the error amplifier to
control the output voltage. After the SS signal
rises above the reference voltage, soft start is
completed, and the internal reference takes
charge of the feedback loop regulation.
If there is some bias voltage on VOUT during
PSM, the MP3429 stops switching until the SS
signal rises above VFB, which is proportional to
the VOUT bias voltage. If the IC is in USM or
FCCM, the MP3429 works with a frequency of
about 33kHz or 600kHz. Both USM and FCCM
have a negative inductor current, so the energy
may transfer from VOUT to VIN if the VOUT bias
is high.
Synchronous Rectifier and BST Function
The MP3429 integrates both an LS-FET Q1 and
HS-FET Q2 to reduce external components.
During switching, the rectifier switch Q2 is
powered from BST (typically 3.4V higher than
the SW voltage). This 3.4V bootstrap voltage is
charged from VDD when the LS-FET turns on.
Switching Current Limit
The MP3429 provides a fixed cycle-by-cycle
switching peak current limit. In each cycle, the
internal current sensing circuit monitors the LS-
FET current signal. Once the sensed current
reaches the typical 21.5A current limit, the LS-
FET Q1 turns off. The LS-FET current signal is
blanked for about 80ns internally to enhance
noise immunity.
Enable (EN) and Programmable UVLO
EN enables and disables the MP3429. When
applying a voltage higher than the EN high
threshold (1V max threshold), the MP3429 starts
up some of the internal circuits (micro-power
mode). If the EN voltage exceeds the turn-on
threshold (1.23V), the MP3429 enables all
functions and starts boost operation. Boost
switching is disabled when the EN voltage falls
below
its
turn-on
threshold
(1.23V).
To
completely shut down the MP3429, a <0.4V low-
level voltage is required on EN. After shutdown,
the MP3429 sinks a current from the input power
(typically less than 2
μA). EN is compatible with
voltages up to 13V. For automatic start-up,
connect EN to VIN directly.
The MP3429 features a programmable UVLO
hysteresis. When powering up in micro-power
mode
, EN sinks a 5μA current from an upper
resistor (RTOP) (see Figure 2).
MP3429
VIN
RTOP
EN
RBOT
5
μA
Figure 2: VIN UVLO Program
VIN must increase to overcome the current sink.
The VIN start-up threshold is determined by
Equation (1):
TOP
IN ON
EN ON
TOP
BOT
R
V
V
(1
) 5 A R
R

 
  
(1)
Where VEN-ON is the EN voltage turn-on threshold
(1.23V, typically).
Once the EN voltage reaches VEN-ON, the 5µA
sink current turns off to create a reverse
hysteresis for the VIN falling threshold, which
can be calculated with Equation (2):
IN UVLO HYS
TOP
V
5 A R

  
(2)
Over-Voltage Protection (OVP)
If over-voltage is detected from VOUT with a
16.5V threshold (typically), the MP3429 stops
switching immediately until the voltage drops to
16.3V. This prevents over-voltage on the output
and internal power MOSFETs.
Thermal Protection
Thermal
shutdown
prevents
the
IC
from
operating at exceedingly high temperatures.
When the die temperature exceeds 150°C, the
IC shuts downs and resumes normal operation
when the die temperature drops to 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com