Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3429GL
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3429GL Datasheet HTML 1Page - Monolithic Power Systems MP3429GL Datasheet HTML 2Page - Monolithic Power Systems MP3429GL Datasheet HTML 3Page - Monolithic Power Systems MP3429GL Datasheet HTML 4Page - Monolithic Power Systems MP3429GL Datasheet HTML 5Page - Monolithic Power Systems MP3429GL Datasheet HTML 6Page - Monolithic Power Systems MP3429GL Datasheet HTML 7Page - Monolithic Power Systems MP3429GL Datasheet HTML 8Page - Monolithic Power Systems MP3429GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
5
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = VEN = 3.3V, TJ = -40°C to 125°C (7), typical values are tested at TJ = 25°C, unless
otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Switch
Low-side switch on resistance
RON-L
6.5
mΩ
High-side synchronous switch
on resistance
RON-H
10
mΩ
Low-side switch leakage
current
VSW = 16V, TJ = 25°C
0.15
μA
High-side switch leakage
current
VOUT = 16V, VSW = 0V,
TJ = 25°C
0.15
μA
BST Power
BST voltage
3.3
V
Current Limit
Switching current limit
IPK-LIMT
19
21.5
23.5
A
Protection
Output OVP threshold
16.5
V
Output OVP hysteresis
0.2
V
Thermal Protection
Thermal shutdown (9)
TSD
150
C
Thermal shutdown hysteresis
(9)
TSD-HYS
25
C
NOTES:
7)
Guaranteed by over-temperature correlation, not tested in production.
8)
VDD regulation voltage from 2.7V. VIN is higher than the VDD UVLO rising threshold in each unit, which can guarantee that the IC starts
up with 2.7V VIN.
9)
Guaranteed by sample characterization, not tested in production.
10) Guaranteed by design, not tested in production.
11) Add an external voltage within this range or float MODE for USM.
12) The HS-FET ZCD is lower than -2A in USM and FCCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com