Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3429GL
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3429GL Datasheet HTML 14Page - Monolithic Power Systems MP3429GL Datasheet HTML 15Page - Monolithic Power Systems MP3429GL Datasheet HTML 16Page - Monolithic Power Systems MP3429GL Datasheet HTML 17Page - Monolithic Power Systems MP3429GL Datasheet HTML 18Page - Monolithic Power Systems MP3429GL Datasheet HTML 19Page - Monolithic Power Systems MP3429GL Datasheet HTML 20Page - Monolithic Power Systems MP3429GL Datasheet HTML 21Page - Monolithic Power Systems MP3429GL Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
20
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for high-frequency
switching power supplies. A poor layout can
result in reduced performance, excessive EMI,
resistive loss, and system instability. Use a 4-
layer PCB for high-power applications. For best
results, refer to Figure 4 and follow the
guidelines below.
1. Place the output capacitor (C2A ~ C2C) as
close to VOUT and PGND as possible.
2. Place a 0.1
μF capacitor close to the IC (C2D)
to reduce the PCB parasitical inductance.
3. Place the FB divider R1 and R2 as close to
FB as possible.
4. Keep the FB trace far away from noise
sources, such as the SW node.
5. Connect the compensation components and
SS capacitor to AGND with a short loop.
6. Connect the VDD capacitor to PGND with a
short loop.
7. Keep the input loop (C1, L1, SW, and PGND)
as small as possible.
8. Place enough GND vias close to the MP3429
for good thermal dissipation.
9. Use separated AGND and PGND layouts,
connected them between the AGND and
PGND pins under the package.
L1
C2A
C1C
C1B
C1A
C6
C4
C3
R6
R4
R3
R2
R1
C2B
C2C
C2D
R5
R7
J1
U1
Via
Top Layer
Bottom Layer
VOUT
GND
VIN
C5
Figure 4: Recommended Layout
Design Example
Table 1 shows a design example following the
application guidelines for the specifications
below.
Table 1: Design Example
VIN
2.7 - 8.4V
VOUT
9V
IOUT (continuous)
3A (14)
IOUT (peak)
3.5A
The detailed application schematic is shown in
Figure 5. The typical performance and circuit
waveforms
are
shown
in
the
Typical
Performance Characteristics section. For more
device applications, please refer to related
evaluation board datasheet.
NOTE:
14) The MP3429 temperature may be high when VIN is 2.7V and
the load is 3A. Decrease the load based on the permitted
temperature performance when VIN is too low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com