Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3429GL
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3429GL Datasheet HTML 14Page - Monolithic Power Systems MP3429GL Datasheet HTML 15Page - Monolithic Power Systems MP3429GL Datasheet HTML 16Page - Monolithic Power Systems MP3429GL Datasheet HTML 17Page - Monolithic Power Systems MP3429GL Datasheet HTML 18Page - Monolithic Power Systems MP3429GL Datasheet HTML 19Page - Monolithic Power Systems MP3429GL Datasheet HTML 20Page - Monolithic Power Systems MP3429GL Datasheet HTML 21Page - Monolithic Power Systems MP3429GL Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
19
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Determine the VIN start-up threshold with
Equation (8):
TOP
IN ON
EN ON
TOP
BOT
R
V
V
(1
) 5 A R
R

 
  
(8)
Where VEN-ON is the EN voltage turn-on threshold
(typically 1.23V).
Once the EN voltage reaches VEN-ON, the 5µA
sink current turns off to create a reverse
hysteresis for the VIN falling threshold, which
can be calculated with Equation (9):
IN UVLO HYS
TOP
V
5 A R

  
(9)
For automatic start-up, connect EN with a 30
kΩ
RTOP resistor to operate with 150mV hysteresis.
MODE Selection
The MP3429 can work in forced continuous
conduction mode (FCCM), pulse-skip mode
(PSM), or ultrasonic mode (USM) based on the
MODE setting. Pull MODE to VDD directly for
FCCM; float MODE for USM; pull the MODE
voltage to 0.2 - 0.7V to make the MP3429 work
in PSM. With no appropriate voltage for the PSM
threshold, a resistor divider from VDD to GND
can be used (see Figure 3).
MP3429
VDD
Rup
MODE
Rdown
Figure 3: MODE Setting
The typical VDD voltage range is 2V to 3.3V. Set
Rup to 130kΩ and Rdown to 20kΩ to achieve a 267
- 450mV voltage on MODE. When MODE is
pulled below 1V, a current less than 2
μA flows
out of MODE. A 20k
Ω RBOT causes a 40mV
MODE voltage increase. The ideal MODE
voltage is about 307 - 490mV.
Compensation
The output of the transconductance error
amplifier (COMP) is used to compensate for the
regulation control system. The system uses two
poles and one zero to stabilize the control loop.
The pole FP1 is set by the output capacitor (COUT)
and the load resistance. Pole FP2 starts from the
origin. The zero FZ1 is set by the compensation
capacitor (CCOMP) and the compensation resistor
(RCOMP). These are determined by Equation (10)
and Equation (11):
 
P1
LOAD
OUT
1
F
(Hz)
2
R
C
(10)
 
Z1
COMP
COMP
1
F
(Hz)
2
R
C
(11)
Where RLOAD is the load resistance.
There is a right-half-plane zero (FRHPZ) that exists
in FCCM, where the inductor current does not
drop to zero in each cycle. The frequency of the
right-half-plane zero can be determined with
Equation (12):

 
2
LOAD
IN
RHPZ
OUT
R
V
F
(
) (Hz)
2
L
V
(12)
The right-half-plane zero increases the gain and
reduces the phase simultaneously, which results
in a smaller phase margin and gain margin. The
worst-case scenario occurs at the condition of
the minimum input voltage and maximum output
power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com