Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP3429GL
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP3429GL Datasheet HTML 14Page - Monolithic Power Systems MP3429GL Datasheet HTML 15Page - Monolithic Power Systems MP3429GL Datasheet HTML 16Page - Monolithic Power Systems MP3429GL Datasheet HTML 17Page - Monolithic Power Systems MP3429GL Datasheet HTML 18Page - Monolithic Power Systems MP3429GL Datasheet HTML 19Page - Monolithic Power Systems MP3429GL Datasheet HTML 20Page - Monolithic Power Systems MP3429GL Datasheet HTML 21Page - Monolithic Power Systems MP3429GL Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
18
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage. Typically, choose R1 to be
between 300 - 800k
Ω. Then calculate R2 with
Equation (3):
1
2
R
V
V
V
R
REF
OUT
REF
(3)
Where VREF is 1V, R1 is the top feedback resistor,
and R2 is the bottom feedback resistor.
Selecting the Input Capacitor
The input capacitor (C1) is used to maintain the
DC input voltage. Low ESR ceramic capacitors
are recommended. The input voltage ripple can
be estimated with Equation (4):
(4)
Where fS is the switching frequency, and L is the
inductor value.
Selecting the Output Capacitor
The output current to the boost converter is
discontinuous and therefore requires an output
capacitor (C2) to supply AC current to the load.
For the best performance, low ESR ceramic
capacitors
are
recommended.
The
output
voltage ripple can be estimated with Equation (5):
(5)
Where RL is the value of the load resistor.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients.
Selecting the Inductor
An inductor is required to transfer energy
between the input source and the output
capacitors. An inductor with a larger value
results in less ripple current and a lower peak
inductor current, reducing stress on the power
MOSFET. However, the larger value inductor
has a larger physical size, a higher series
resistance, and a lower saturation current.
For most designs, the inductance value can be
calculated with Equation (6):
(6)
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 20 ~ 50% of the maximum
inductor
peak
current.
Typically,
a
1.5
μH
inductor is recommended. Ensure that the
inductor does not saturate under the worst-case
condition. The inductor should have a low series
resistance (DCR) to reduce resistive power loss.
Soft-Start (SS) Capacitor Selection
With the required output voltage rising time
(TRISE), the value of CSS can be calculated using
Equation (7):
REF
SS
RISE
SS
V
I
T
C
(7)
Where ISS is the SS charging current (7.5μA).
Typically, set CSS to be 22nF for about 3ms of the
rising time.
VDD Capacitor Selection
The MP3429 integrates the VDD power at about
3.4V, which powers the internal MOSFET gate
driver and internal control circuit, typically. One
ceramic bypass capacitor 4.7µF or higher is
necessary for the internal regulator. Do not
connect the external load to the VDD power.
BST Capacitor
The MP3429 uses one bootstrap circuit to power
the output N-channel MOSFET. One external
bootstrap capacitor is necessary for the charge
pump
power.
A
0.1µF
ceramic
capacitor
between BST and SW is recommended.
Programmable UVLO
The MP3429 features a programmable UVLO
hysteresis. When powering up, EN sinks a 5μA
current from an upper resistor (RTOP) (see Figure
2). VIN must increase to overcome the current
sink.
IN
IN
IN
2
s
OUT
VV
V1
8f
L C1
V

 



OUT
IN
OUT
s
L
OUT
V
V
V1
f
R
C2
V

 



IN
OUT
IN
s
OUT
L
V (V
V )
L
f
V
I
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com