Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3429GL
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3429GL Datasheet HTML 10Page - Monolithic Power Systems MP3429GL Datasheet HTML 11Page - Monolithic Power Systems MP3429GL Datasheet HTML 12Page - Monolithic Power Systems MP3429GL Datasheet HTML 13Page - Monolithic Power Systems MP3429GL Datasheet HTML 14Page - Monolithic Power Systems MP3429GL Datasheet HTML 15Page - Monolithic Power Systems MP3429GL Datasheet HTML 16Page - Monolithic Power Systems MP3429GL Datasheet HTML 17Page - Monolithic Power Systems MP3429GL Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
14
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Q1
Q2
SW
FTY
Control Logic
PGND
FB
COMP
GM
VOUT
VIN
EN
VDD
Enable
Circuit
Regulator
and UVLO
BST
BST
Circuit
MODE
Off Time
SW
VIN
SS
VOUT
PWM
Comparator
Current
Limit
VDD
VREF
AGND
C1
C2
C3
C4
C5
C6
R1
R2
R3
L1
VOUT
Current Sense
A
mplifier
VDD
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com