Electronic Components Datasheet Search
  English  ▼

X  

MP3429GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3429GL
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3429GL Datasheet HTML 1Page - Monolithic Power Systems MP3429GL Datasheet HTML 2Page - Monolithic Power Systems MP3429GL Datasheet HTML 3Page - Monolithic Power Systems MP3429GL Datasheet HTML 4Page - Monolithic Power Systems MP3429GL Datasheet HTML 5Page - Monolithic Power Systems MP3429GL Datasheet HTML 6Page - Monolithic Power Systems MP3429GL Datasheet HTML 7Page - Monolithic Power Systems MP3429GL Datasheet HTML 8Page - Monolithic Power Systems MP3429GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP3429
16VOUT, 21A, High-Efficiency,
Fully Integrated, Synchronous,
Boost Converter
MP3429 Rev. 1.0
www.MonolithicPower.com
1
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP3429 is a 600kHz, fixed-frequency, wide
input range, highly integrated, boost converter.
The MP3429 starts from an input voltage as low
as 2.7V and supports up to 30W of load power
from a 1-cell battery with integrated low RDS(ON)
power MOSFETs.
The MP3429 adopts constant-off-time (COT)
control topology, which provides fast transient
response. MODE supports the selection of
pulse-skip mode (PSM), forced continuous
conduction mode (FCCM), and ultrasonic mode
(USM) in light-load condition. The cycle-by-cycle
current limit on the low-side MOSFET prevents
current runaway, and the high-side MOSFET
eliminates the need for an external Schottky
diode.
Full protection features include programmable
input under-voltage lockout (UVLO) and over-
temperature protection (OTP).
The
MP3429
is
available
in
a
QFN-13
(3mmx4mm) package.
FEATURES
 2.7V to 13V Start-Up Voltage
 0.8V to 13V Operating Voltage
 Up to 16V Output Voltage
 Supports 30W Average Power Load and
40W Peak Power Load from 3.3V
 21.5A Internal Switch Current Limit
 Integrated 6.5mΩ and 10mΩ Power
MOSFETs
 >95% Efficiency for 3.6V VIN to 9V/3A
 Selectable PSM, >23kHz USM, and FCCM
in Light-Load Condition
 600kHz Fixed Switching Frequency
 Adaptive COT for Fast Transient Response
 External Soft Start and Compensation Pins
 Programmable UVLO and Hysteresis
 150°C Over-Temperature Protection (OTP)
 Available in a QFN-13 (3mmx4mm)
Package
APPLICATIONS
 Notebooks
 Bluetooth Speakers
 Portable POS Systems
 Quick-Charge Power Banks
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and
“The Future of Analog IC Technology” are registered trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP3429
SW
BST
VIN
VIN
MODE
EN
VDD
SS
C1
22μFX3
AGND PGND
V OUT
FB
COMP
FTY
VOUT
C2
22μFx3
R1
750kΩ
R2
93.1kΩ
C6
6.8nF
R3
6.8kΩ
C3
4.7μF
C4
22nF
C5
0.1μF
L1 1.5μH
On / off
High/ Middle/ Low
2.7V-8.4V
9V/3.5A
50
55
60
65
70
75
80
85
90
95
100
1
10
100
1000
Load Current(mA)
Efficiency vs. Load Current
PSM
Vin=3V
Vin=3.3V
Vin=3.6V
Vin=4.2V


Similar Part No. - MP3429GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3429GL MPS-MP3429GL Datasheet
551Kb / 4P
2.7V - 13V Input, 1A, Step-Up Power Supply
MP3429GL MPS-MP3429GL Datasheet
481Kb / 8P
21A High Efficiency Fully-Integrated Synchronous Boost Converter EV Board
Rev.1.0 2/8/2017
More results

Similar Description - MP3429GL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
TPS61088 10-A Fully-Integrated Synchronous Boost Converter
logo
Monolithic Power System...
MP3431 MPS-MP3431 Datasheet
973Kb / 25P
21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter with Programmable Input Current Limit
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
logo
Shenzhen Huazhimei Semi...
HM5167 HMSEMI-HM5167 Datasheet
1Mb / 18P
13V, 10A fully integrated synchronous boost converter
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com