Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
17
• Bit 0(PWM) Pulse Width Modulation. When PWM = 1 and LGP = 0, the LSB Counter and MSB
Counter are disabled, a continuous pulse train is generated, and the output signal is actually a PWM
waveform format of PWM.
13. RE (Mouse Control Register)
7
6
5
4
3
2
1
0
MOUSEN
-
-
-
-
-
-
-
• Bit 7 (MOUSEN) Mouse application Enable bit.
0: Disable MOUSEN. TCCA, TCCB and TCCC are increment counters.
1: Enable MOUSEN. TCCA, TCCBL and TCCC work as up/down counters. The other pin
assignment refers to IOC80 and IOC90.
• Bit 6~Bit 0 Not used.
14. RF (Interrupt Status Register)
7
6
5
4
3
2
1
0
CMP4IF
CMP3IF
CMP2IF
CMP1IF
-
EXIF
ICIF
TCIF
“1” means interrupt request, and “0” means no interrupt occurs.
• Bit 7 (CMP4IF) Status changed interrupt flag. Set as change occurred in the output of Comparator
CO4, and reset by software.
• Bit 6 (CMP3IF) Status changed interrupt flag. Set as change occurred in the output of Comparator
CO3, and reset by software.
• Bit 5 (CMP2IF) Status changed interrupt flag. Set as change occurred in the output of Comparator
CO2, and reset by software.
• Bit 4 (CMP1IF) Status changed interrupt flag. Set as change occurred in the output of Comparator
CO1, and reset by software.
• Bit 3 Unemployed, read as ‘0’;
• Bit 2 (EXIF) External interrupt flag. Set by on /INT pin, and reset by software.
• Bit 1 (ICIF) Port 5 input status changed interrupt flag. Set when Port 5 input changes, and reset by
software.
• Bit 0 (TCIF) TCC overflowing interrupt flag. Set when TCC overflows, and reset by software.
• RF can be cleared by instruction but cannot be set.
• IOCF0 is the relative interrupt mask register.
15. R10 ~ R3F
• All of these are the 8-bit general purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com