Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 56 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 60Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
56
• Bit 3 Not used
• Bit 2(TCCCIE) TCCCIF interrupt enable bit.
0: disable the TCCCIF interrupt
1: enable the TCCCIF interrupt
• Bit 1(TCCCTS) TCCC signal source
0: internal instruction cycle clock
1: transition on the TCC5 pin.
• Bit 0(TCCCTE) TCCC signal edge
0: increment if the transition from low to high (leading edge) takes place on the TCC6 pin
1: increment if the transition from high to low (leading edge) takes place on the TCC6 pin
Table 25 MOUSE Control Register
7
6
5
4
3
2
1
0
MOUSEN
-
-
-
-
-
-
-
• Bit 7 (MOUSEN) Mouse application Enable bit.
0: Disable MOUSEN. TCCA,TCCB and TCCC are increment counters.
1: Enable MOUSEN. RA(disable Bit0(TCCATE), Bit1(TCCATS) is ‘1’, Bit2(TCCAIE) is ‘0’ ),
RB(disable Bit0(TCCCTE), Bit1(TCCCTS) is ‘1’, Bit2(TCCCIE) is ‘0’, Bi, disable Bit4(TCCBTE),
Bit5(TCCBTS) is ‘1’, Bit6(TCCBIE) is ‘0’ ) , and TCCA, TCCBL and TCCC work as up/down counters.
For other pin assignments, refer to IOC80.
• Bit 6~Bit 0 Not used.
4. MOUSE mode Timing
(1)Photo-couples pulse width:
Tr
Tf
X1(Y1)
X2(Y2)
Counter increment if the rising/falling edge of X1 is leading the one on X2.
Counter decrement if the rising/falling edge of X1 is falling behind the one on X2.
(2) Sending DATA (data from EM78P257A/B to system)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com