Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 62 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 62 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 66Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
62
want to be restarted , we must disable IR in advance and then enable IR again.The time delay
between two pulse trains is determined by software.
3. Pin Description
SYMBOL
PIN
DESCRIPTION
P60 to P66
7~13
Standard I/O Port lines, generally used for keypad scanning
P50 to P57
1~4,17~20
Standard I/O Port lines, generally used for keypad sensing
P67(IR OUT)
14
Pulse train output pin, capable of sinking 30mA
OSCO
16
External clock signal input
OSCI
17
External clock signal input
Vdd
15
Power supply
Vss
6
Ground
4. Programmed the Related Registers
When defining IR mode is defined, refer to the related register of its operation as shown in the Table 27 and Table
28 below.
Table 27 Related Control Registers of the IR Mode
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit1
Bit 0
0x0B
TCR(2)/RB
0
TCCBIE/0
TCCBTS/0
TCCBTE/0
0
TCCCIE/0 TCCCTS/0 TCCCTE/0
0x08
TCCCR/IOC80 TCC2E
TCC4E
TCC6E
TCCBE
-
-
-
-
0x0D
IRCR/RD
DP1/0
DP0/0
MF1/0
MF0/0
IRE/0
HF/0
LGP/0
PWM/0
<Note> *Bit name/initial value
Table 28 Related status/data register of the IR mode
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit1
Bit 0
0x06
TCCBL/IOC61
TCCBL7
TCCBL6
TCCBL5
TCCBL4
TCCBL3
TCCBL2
TCCBL1
TCCBL0
0x07
TCCBH/IOC71
TCCBH7
TCCBH6
TCCBH5
TCCBH4
TCCBH3
TCCBH2
TCCBH1
TCCBH0
0x09
LTR/IOC91
LTR7
LTR6
LTR5
LTR4
LTR3
LTR2
LTR1
LTR0
0x0A
HTR/IOCA1
HTR7
HTR6
HTR5
HTR4
HTR3
HTR2
HTR1
HTR0
0X0B
PTR/IOCB1
PTR7
PTR6
PTR5
PTR4
PTR3
PTR2
PTR1
PTR0
• TCCBL : An eight-bit clock counter is for the least significant byte of TCCBX. TCCBL, which can be
read, written, and cleared at any reset condition.
• TCCBH : An eight-bit clock counter is for the most significant byte of TCCBX. TCCBH, which can be
read, written, and cleared at any reset condition.
• Low-time Register :The 8-bit Low-time register that controls the active or Low period of the pulse. The
High-time register controls the inactive or High period of the cycle.
• The decimal value of its contents determines the number of oscillator cycles indicating that the IR
OUT pin is active. The active period of IR OUT can be calculated as follow:
tLow=(decimal value held in Low-time register)/fosco
• High-time Register :The 8-bit High-time register control the inactive or High period of the pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com