Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
33
• Bit 7 of the IOCE0 register is set to "1", and the others are cleared.
• RF and IOCF0 register are cleared.
The sleep (power down) mode is attained by executing the “SLEP” instruction. While entering sleep mode, WDT
(if enabled) is cleared but keeps on running. The controller can be awakened by
(1) external reset input on /RESET pin.
(2) WDT time-out (if enabled).
(3) Port 5 input status changed (if enabled).
(4) Comparator status changed.
The first two cases will cause the EM78P257A/B to reset. The T and P flags of R3 can be used to determine the
source of the reset (wake-up). Case 3 is considered the continuation of program execution and the global interrupt
("ENI" or "DISI" being executed) decides whether or not the controller branches to the interrupt vector following
wake-up. If ENI is executed before SLEP, the instruction will begin to execute from the address 3FEH after
wake-up. If DISI is executed before SLEP, the operation will restart from the instruction right next to SLEP after
wake-up.
Only one of Cases 2 and 3 can be enabled before entering the sleep mode. That is,
[a] if Port 5 input status changed interrupt is enabled before SLEP , WDT must be disabled by
software. However, the WDT bit in the option register remains enabled. Hence, the
EM78P257A/B can be awakened only by Case 1 or 3. Similarly, the same procedures should be
applied if comparator status change interrupt is used. The device can be awakened only by Case
1 or 4.
[b] if WDT is enabled before SLEP, Port 5 Input Status Change Interrupt must be disabled. Hence,
the EM78P257A/B can be awakened only by Case 1 or 2. Refer to the section on Interrupt.
If Port 5 Input Status Change Interrupt is used to wake-up the EM78P257A/B, the following instructions must be
executed before SLEP:
MOV A, @xx000110b
; Select internal TCC clock
CONTW
CLR R1
; Clear TCC and prescaler
MOV A, @xxxx1110b
; Select WDT prescaler
CONTW
WDTC
; Clear WDT and prescaler
MOV A, @0xxxxxxxb
; Disable WDT
IOW RE
MOV R5, R5
; Read Port 5
MOV A, @00000x1xb
; Enable Port 5 input change interrupt
IOW RF
ENI (or DISI)
; Enable (or disable) global interrupt
SLEP
; Sleep
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com