Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 60 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 60 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 64Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
60
TCCBIF
1: overflow
H/W Modulator
IR OUT
TCCBH
(MSB Counter)
TCCBL
(LSB Counter)
Low-Time
Register
Register
Pulse Timer
Fosco
HF
DP0
DP1
MF0
MF1
Fosc
Duty:Period
PWM
LGP
IRE
1:2
1:3
1:4
÷1
÷4
÷8
High-Time
<Note> In software design, Low-time and High-time registers cannot set “0” at initial state.
Fig. 27 Hardware Modulator
2. Function Description
The following describes the function of each block and single for Fig.27 which depicts how to complete IR kernel
(hardware modulator).
Low-time Register
The 8-bit Low-time register controls the active or Low period of the pulse.
The decimal value of its contents determines the number of oscillator cycles indicating
that the IR OUT pin is active. The active period of IR OUT can be calculated as follow:
tLow=(decimal value held in Low-time register)/fosco
High-time Register
The 8-bit High-time register control the inactive or High period of the pulse.
The decimal value of its contents determines the number of oscillator cycles indicating
that the IR OUT pin is active. The inactive period of IR OUT can be calculated as follow:
tHigh=(decimal value held in High-time register)/fosco
Pulse Timer
The contents of the Low-time and High-time Latch registers are loaded alternately into
the Pulse timer. When loaded, the Pulse timer contents are decremented by “1” every
oscillator cycle and upon reaching zero, the Pulse timer will be loaded with the contents
of the other register.
IR control register
Contains the bits that control various possibilities for the output pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com