Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 47 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 51Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
47
ERC(External RC oscillator mode)
1
0
1
HXT(High XTAL oscillator mode)
0
0
1
LXT(Low XTAL oscillator mode)
0
0
0
<Note> The transient point of system frequency between HXT and LXT is around 400 KHz.
Table 16 The summary of maximum operating speeds
Conditions
VDD
Fxt max.(MHz)
2.3
4
3.0
8
Two clocks
5.0
20
2. Crystal Oscillator/Ceramic Resonators(XTAL)
EM78P257A/B can be driven by an external clock signal through the OSCI pin as shown in Fig.18 below.
OSCI
OSCO
EM78P257A/B
Fig. 18 Circuit for External Clock Input
In most applications, pin OSCI and pin OSCO can be connected with a crystal or ceramic resonator to generate
oscillation. Fig. 19 depicts such circuit. The same thing applies whether it is in the HXT mode or in the LXT mode.
Table 17 provides the recommended values of C1 and C2. Since each resonator has its own attribute, user
should refer to its specification for appropriate values of C1 and C2. RS, a serial resistor, may be necessary for AT
strip cut crystal or low frequency mode.
OSCI
EM78P257A/B
OSCO
XTAL
RS
C2
C1
Fig. 19 Circuit for Crystal/Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com