Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 65 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 65 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 69Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
65
Interrupt to CPU
Software time
Number of pulses = 3
Low-time Register = 3
start
start
Fosc
Fosco
IR OUT
IR OUT
CASE 1
CASE 2
Fig. 29 CASE 1 shows a typical long pulse(DP=00;MF=10;HF=1;LGP=1;PWM=0); CASE 2 shows
the same long pulse after being modulated with a frequency of 1/4Fosc
(DP=00;MF=10;HF=1;LGP=1;PWM=0).
Low -time Register = 3
start
Fosc
Fosco
IR OUT
High -time Register = 2
Fig. 30 Continuous pulse train (DP=00;MF=10;HF=0;LGP=0;PWM==1).
4.13 CODE OPTION
EM78P257A/B has one CODE option word and one Customer ID word, which are not a part of the normal
program memory.
Word 0
Word 1
Bit12~Bit0
Bit12~Bit0
Code option12~0
Customer’s ID
1. Code Option Register (Word 0)
Bit12
Bit11
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
/RESETEN
/ENWDT
CLKS
OSC2
OSC1
OSC0
/PTB
SUT
TYP
RCOUT
RCM1
RCM0
-
• Bit 12 (/RESETEN): Define Pin4(EM78P257A) or Pin5(EM78P257B) as a reset pin
0: /RESET enable
1: /RESET disable
• Bit 11 (/ENWDT): Watchdog timer enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com