Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 76 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 76 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 80Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
76
Vol/Iol (VDD=5V)
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
Vol (Volt)
Vol / Iol (VDD=3V)
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
Vol(Volt)
Fig. 34 Port5, Port6 and Port7 Vol vs. Iol,
VDD=5V
Fig. 35 Port5, Port6 and Port7 Vol vs. Iol
VDD=3V
Min 70
℃
Typ 25
℃
Max 0
℃
Min 70
℃
Typ 25
℃
Max 0
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com