Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
14
• Bit6 (IOCS) Select the Segment of the control register.
0 = Segment 0( IOC50~IOCF0 ) selected;
1 = Segment 1( IOC51~IOCC1 ) selected;
• Bit5 (PS0) Page select bits. PS0 is used to select a program memory page. When executing a "JMP",
"CALL", or other instructions that causes the program counter to change (e.g. MOV R2,A), PS0 is
loaded into the 11th bit of the program counter, selecting one of the available program memory
pages. Note that RET (RETL, RETI) instruction does not change the PS0 bits. That is, the return will
always be back to the page from where the subroutine was called, regardless of the current PS0 bit
setting.
PS0
Program memory page [Address]
0
Page 0 [000-3FF]
1
Page 1 [400-7FF]
• Bit 4 (T) Time-out bit.
Set to 1 with the "SLEP" and "WDTC" command, or during power on and reset to 0 by WDT time-out.
• Bit 3 (P) Power down bit.
Set to 1 during power on or by a "WDTC" command and reset to 0 by a "SLEP" command.
• Bit 2 (Z) Zero flag.
Set to "1" if the result of an arithmetic or logic operation is zero.
• Bit 1 (DC) Auxiliary carry flag.
• Bit 0 (C) Carry flag.
5. R4 (RAM Select Register)
•The Bit7 set to “0” as all time.
• Bit 6 is used to select bank 0 or bank 1.
• Bits 5~0 are used to select a register (address: 00~0F, 10~3F) in the indirect addressing mode.
• See the configuration of the data memory in Fig. 5.
6. R5 ~ R6 (Port 5 ~ Port 6)
• R5 and R6 are I/O registers.
• Only the lower 6 bits of R5 are available.(applicable to EM78P257A)
• The upper 2 bits of R5 are fixed to 0. (if EM78P257A is selected)
7. R7 (Port 7 )
7
6
5
4
3
2
1
0
-
-
-
-
-
-
I/O
I/O
• R7 is I/O registers.
• Only the lower 2 bits of R7 are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com