Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AM Datasheet(PDF) 48 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 48 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 52Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
48
Table 17 Capacitor Selection Guide for Crystal Oscillator or Ceramic Resonators
Oscillator Type
Frequency Mode
Frequency
C1(pF)
C2(pF)
455 kHz
100~150
100~150
2.0 MHz
20~40
20~40
Ceramic Resonators
HXT
4.0 MHz
10~30
10~30
32.768kHz
25
15
100KHz
25
25
LXT
200KHz
25
25
455KHz
20~40
20~150
1.0MHz
15~30
15~30
2.0MHz
15
15
Crystal Oscillator
HXT
4.0MHz
15
15
3. External RC Oscillator Mode
For some applications that do not need to have its timing to be calculated precisely, the RC oscillator (IV.12.3-1)
offers a lot of cost savings. Nevertheless, it should be noted that the frequency of the RC oscillator is influenced by
the supply voltage, the values of the resistor (Rext), the capacitor (Cext), and even by the operation temperature.
Moreover, the frequency also changes slightly from one chip to another due to the manufacturing process
variation.
In order to maintain a stable system frequency, the values of the Cext should not be less than 20pF, and that the
value of Rext should not be greater than 1 M ohm. If they cannot be kept in this range, the frequency is easily
affected by noise, humidity, and leakage.
The smaller the Rext in the RC oscillator, the faster its frequency will be. On t he contrary, for very low Rext values,
for instance, 1 K
Ω, the oscillator becomes unstable because the NMOS cannot discharge the current of the
capacitance correctly.
Based on the reasons above, it must be kept in mind that all of the supply voltage, the operation temperature, the
components of the RC oscillator, the package types, the way the PCB is layout, will affect the system frequency
OSCI
EM78P257A/B
Vcc
Rext
Cext
Fig. 20 Circuit for External RC Oscillator Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com