Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP163 Datasheet HTML 12Page - Monolithic Power Systems MP163 Datasheet HTML 13Page - Monolithic Power Systems MP163 Datasheet HTML 14Page - Monolithic Power Systems MP163 Datasheet HTML 15Page - Monolithic Power Systems MP163 Datasheet HTML 16Page - Monolithic Power Systems MP163 Datasheet HTML 17Page - Monolithic Power Systems MP163 Datasheet HTML 18Page - Monolithic Power Systems MP163 Datasheet HTML 19Page - Monolithic Power Systems MP163 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
16
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Topology Options
The MP163 can be used in common topologies
such as buck, boost, buck-boost, and flyback.
Component selection is based on the
Typical
Application shown on page 2.
Selecti
ng the Input Capacitor
The input capacitor supplies DC input voltage
for the converter. Figure 6 shows the typical DC
bus voltage waveform of a half-wave rectifier
and a full-wave rectifier.
Vin
DC input voltage
t
V
DC(min)
V
DC(max)
AC input voltage
Vin
DC input voltage
t
V
DC( min)
V
DC(max)
AC input voltage
Figure 6: Input Voltage Waveform
Typically, the use of a half-wave rectifier
requires an input capacitor rated at 3µF/W for
the universal input condition. When using a full-
wave rectifier, the input capacitor is chosen
between 1.5 ~ 2µF/W for the universal input
condition. A half-wave rectifier is recommended
for output applications less than 2W. Otherwise,
use a full-wave rectifier.
Under very low input voltages, the inductor
current ramps up slowly. It may not reach the
current limit during
τmaxon, so the MOSFET on
time should be less than the minimum value of
τmaxon.
Selecting the Inductor
The MP163 has a minimum off time limit that
determines the maximum power output. A
power inductor with a larger inductance
increases the maximum power. Using a very
small inductor may cause failure at full load.
The maximum power in CCM can be calculated
with Equation (7)
 ominoff
omax
o peak
V
PV (I
)
2L
(7)
The maximum power in DCM can be calculated
with Equation (8):

2
omax
peak
minoff
11
PLI
2
(8)
For
mass
production,
tolerance
on
the
parameters (such as peak
-current limitation and
the minimum off time) should be taken into
consideration.
Freewheeling Diode
Select a diode with a maximum reverse voltage
rating greater than the maximum input voltage
and a current rating determined by the output
current.
The reverse recovery of the freewheeling diode
can affect efficiency and circuit operation during
CCM, so use an ultra-fast diode
, such as the
UGC10JH.
Selecting the Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Estimate the output voltage
ripple
in CCM using Equation (9):
CCM _ ripple
ESR
so
i
Vi R
8f C
  
(9)
Estimate the output voltage ripple in DCM with
Equation (10):
2
pk
o
o
DCM _ ripple
pk
ESR
so
pk
II
I
VI
R
fC
I





(10)
It is recommended to use ceramic, tantalum, or
low ESR electrolytic capacitors to reduce the
output voltage ripple.
Feedback Resistors
The
resistor
divider
connected
to
FB
determines
the
output
voltage.
Choose
appropriate R1 and R2 values to
set the
output voltage. R2 should be about a few kΩ
to tens of kΩ in value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com