Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP163 Datasheet HTML 13Page - Monolithic Power Systems MP163 Datasheet HTML 14Page - Monolithic Power Systems MP163 Datasheet HTML 15Page - Monolithic Power Systems MP163 Datasheet HTML 16Page - Monolithic Power Systems MP163 Datasheet HTML 17Page - Monolithic Power Systems MP163 Datasheet HTML 18Page - Monolithic Power Systems MP163 Datasheet HTML 19Page - Monolithic Power Systems MP163 Datasheet HTML 20Page - Monolithic Power Systems MP163 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
17
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Feedback Capacitor
The feedback capacitor provides a sample
-and-
hold function. Small capacitors result in poor
regulation at light loads, and large capacitors
affect the circuit operation. Roughly estimate an
optimal capacitor value using Equation (11):
oo
o
o
FB
12
o
1
2
o
VC
VC
1
C
2R
R
I
R
R
I


(11)
Dummy Load
A dummy load is required to maintain the load
regulation. This ensures sufficient inductor
energy
to
charge
the
sample
-and-hold
capacitor to detect the output voltage. Normally
,
a 3mA dummy load is needed and can be
adjusted according to the regulated voltage.
There is a compromise between small, no-load
consumption and good, no-load regulation,
especially for applications that require 30mW
of
no-load consumption. Use a
Zener diode to
reduce
the no-load consumption if no-load
regulation is not a concern.
Auxiliary VCC Supply
For
MP163 applications which have a VOUT
above 7V,
a less than 30mW no-load power
consumption can be achieved by adopting
an external VCC supply to reduce overall power
consumption (see Figure 7).
Figure 7: Auxiliary VCC Supply Circuit
This auxiliary VCC supply is derived from the
resistor connected between C3 and C4. C4
should be larger than the value recommended
above. D3 is used in case
that VCC interferes
with FB. R3 is determined
using Equation (12):
OUT
FW
S
VV
5.8V
R3
I

(12)
Where IS is the VCC consumption under a no-
load condition, and VFW is the forward voltage
drop of D3. Because IS varies in different
applications, R3 should be adjusted to meet the
application’s
specific
IS.
In
a
particular
configuration, IS is measured at about 200µA.
Surge Performance
An appropriate input capacitor value should be
chosen to obtain
a good surge performance.
Figure 8 shows the half-wave rectifier. Table
1
shows the capacitance required under normal
conditions for different surge voltages. FR1 is a
20Ω/2W fused resistor, and L1 is 1mH for this
recommendation.
L1
C1
C2
N
L
FR1
Figure 8: Half-Wave Rectifier
Table 1: Recommended Capacitance
Surge
Voltage
500V
1000V
2000V
C1
1μF
2.2μF
3.3μF
C2
1μF
2.2μF
3.3μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com