Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP163 Datasheet HTML 3Page - Monolithic Power Systems MP163 Datasheet HTML 4Page - Monolithic Power Systems MP163 Datasheet HTML 5Page - Monolithic Power Systems MP163 Datasheet HTML 6Page - Monolithic Power Systems MP163 Datasheet HTML 7Page - Monolithic Power Systems MP163 Datasheet HTML 8Page - Monolithic Power Systems MP163 Datasheet HTML 9Page - Monolithic Power Systems MP163 Datasheet HTML 10Page - Monolithic Power Systems MP163 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
7
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 5.5V, TJ = -40°C ~ 125°C, min and max are guaranteed by characterization, typical is
tested at 25°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
SCP threshold
ISCP
MP163AGS-5, MP163AGS-33,
MP163AGS-5, MP163AGS-33,
TJ = 25°C
330
400
510
mA
MP163BGS-5, MP163BGS-33,
MP163BGSE-5, MP163BGSE-33,
TJ = 25°C
500
600
760
MP163CGS-5, MP163CGS-33,
MP163CGSE-5, MP163CGSE-33,
TJ = 25°C
750
900
Feedback Input (FB)
Minimum off time
τminoff
MP163AGS-5, MP163AGS-33,
MP163AGS-5, MP163AGS-33
7.5
10
12.5
μs
MP163BGS-5, MP163BGS-33,
MP163BGSE-5, MP163BGSE-33
9
12
15
MP163CGS-5, MP163CGS-33,
MP163CGSE-5, MP163CGSE-33
9.5
12
15
Maximum on time
τmaxon
MP163AGS-5, MP163AGS-33,
MP163AGS-5, MP163AGS-33
13
18
23
μs
MP163BGS-5, MP163BGS-33,
MP163BGSE-5, MP163BGSE-33
17
24
31
MP163CGS-5, MP163CGS-33,
MP163CGSE-5, MP163CGSE-33
19
24
31
Primary MOSFET feedback
turn-on threshold
VFB
2.45
2.55
2.65
V
OLP feedback trigger threshold
VFB_OLP
MP163AGS-5, MP163AGS-33,
MP163AGSE-5, MP163AGSE-33,
MP163BGS-5, MP163BGS-33,
MP163BGSE-5, MP163BGSE-33,
1.64
1.74
1.84
V
MP163CGS-5, MP163CGS-33,
MP163CGSE-5, MP163CGSE-33,
1.6
1.7
1.8
OLP delay time
τOLP
MP163AGS-5, MP163AGS-33,
MP163AGSE-5, MP163AGSE-33,
TON = τmaxon, TOFF = τminoff
175
ms
MP163BGS-5, MP163BGS-33,
MP163BGSE-5, MP163BGSE-33,
MP163CGS-5, MP163CGS-33,
MP163CGSE-5, MP163CGSE-33,
TON = τmaxon, TOFF = τminoff
220
Open-loop detection
VOLD
0.4
0.5
0.6
V
Thermal Shutdown
Thermal shutdown threshold
(5)
150
°C
Thermal shutdown recovery
hysteresis
(5)
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com