Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP163 Datasheet HTML 14Page - Monolithic Power Systems MP163 Datasheet HTML 15Page - Monolithic Power Systems MP163 Datasheet HTML 16Page - Monolithic Power Systems MP163 Datasheet HTML 17Page - Monolithic Power Systems MP163 Datasheet HTML 18Page - Monolithic Power Systems MP163 Datasheet HTML 19Page - Monolithic Power Systems MP163 Datasheet HTML 20Page - Monolithic Power Systems MP163 Datasheet HTML 21Page - Monolithic Power Systems MP163 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
18
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for
stable
operation, good EMI, and
good thermal
performance. For best results,
refer to Figure
9 and follow the guidelines below.
1) Minimize the loop area formed by the input
capacitor, IC, freewheeling diode, inductor,
and output capacitor.
2) Place the power inductor far away from the
input filter while keeping the loop area to
the inductor at a minimum.
3) Place a capacitor valued at several hundred
pF between FB and SOURCE as close to
the IC as possible.
4) Connect the exposed pads or large copper
area with DRAIN to improve thermal
performance.
Top Layer
Bottom Layer
Figure 9: Recommended Layout
Design Example
Table
2 shows a design example for the
following application guideline specifications
.
Table 2: Design Example
VIN
85VAC to 265VAC
VOUT1
12V
IOUT1
200mA
VOUT2
5V
IOUT2
50mA
The detailed application schematic is shown in
Figure
10. The typical performance and circuit
waveforms
are
shown
in
the
Typical
Performance
Characteristics
section.
For
additional device applications, please refer to
the related evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com