Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP163 Datasheet HTML 10Page - Monolithic Power Systems MP163 Datasheet HTML 11Page - Monolithic Power Systems MP163 Datasheet HTML 12Page - Monolithic Power Systems MP163 Datasheet HTML 13Page - Monolithic Power Systems MP163 Datasheet HTML 14Page - Monolithic Power Systems MP163 Datasheet HTML 15Page - Monolithic Power Systems MP163 Datasheet HTML 16Page - Monolithic Power Systems MP163 Datasheet HTML 17Page - Monolithic Power Systems MP163 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
14
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Frequency Foldback and Peak Current
Compression
The MP163 remains highly efficient at light-load
condition by reducing the switching frequency
automatically.
Under light-load or no-load conditions, the
output voltage drops very slowly, which
increases the MOSFET off time
, and the
frequency decreases with the load.
The switching frequency
in CCM is determined
with Equation (3):
in
o
o
s
peak
o
in
(V
V )
V
f
2L(I
I ) V

(3)
The switching frequency in discontinuous
conduction mode (DCM) is determined with
Equation (4):

in
O
o
o
s
2
peak
in
2(V
V ) I V
f
LI
V
(4)
As the peak current limit decreases from ILimit,
the off time increases. In standby mode, the
frequency and the peak current are both
minimized, allowing for a smaller dummy load.
As a result, peak current compression helps
further reduce no-load consumption. The peak
current limit can be estimated
with Equation (5):
Peak
off
min off
Limit
I(1 0.0038 (T
) / s) I

 
 
(5)
Where τoff is the off time of the power
module.
Error Amplifier (EA) Compensation
The MP163 has an internal error amplifier (EA)
compensation loop
that samples the feedback
voltage 6µs after the MOSFET turns off and
regulates the output based on the 2.55V
reference voltage.
Ramp Compensation
An internal ramp compensation circuit improves
the load regulation. An exponential voltage
signal is added to pull down the reference
voltage of the feedback comparator (see Figure
4). The ramp compensation is a function of the
load conditions
. The compensation is about
1mV/µs
in full-load condition and increases
exponentially as the peak current decreases.
Figure 4: EA and Ramp Compensation
Over
load Protection (OLP)
The maximum output power of the MP163 is
limited by the maximum switching frequency
and peak current limit. If the load current is too
large, the output voltage drops, causing the FB
voltage to drop.
When
FB voltage drops below VFB_OLP, this is
considered
to be an error flag, and the timer
starts. If the timer reaches 220ms (fS = 28kHz),
overload protection (OLP) occurs. This timer
duration
prevents OLP from being triggered
when the power supply starts up or the load
transitions. The power supply should start up in
less than 220ms (fS = 28kHz). The OLP delay
time is calculated using Equation (6):
Delay
s
28kHz
220ms
f

(6)
Short-Circuit Protection (SCP)
The MP163 monitors the peak current and
shuts down
the MOSFET when the peak
current rises above the
short-circuit protection
(SCP) threshold. The power supply resumes
operation with the removal of the fault.
Thermal Shutdown
To prevent thermal
-induced damage, the
MP163 stops switching when the junction
temperature exceeds 150
°C. During thermal
shutdown, the VCC capacitor is discharged to
VCCpro, and then the internal high-voltage
regulator re-charges.
The MP163 recovers
when the junction temperature drops below
120°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com