Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP163 Datasheet HTML 1Page - Monolithic Power Systems MP163 Datasheet HTML 2Page - Monolithic Power Systems MP163 Datasheet HTML 3Page - Monolithic Power Systems MP163 Datasheet HTML 4Page - Monolithic Power Systems MP163 Datasheet HTML 5Page - Monolithic Power Systems MP163 Datasheet HTML 6Page - Monolithic Power Systems MP163 Datasheet HTML 7Page - Monolithic Power Systems MP163 Datasheet HTML 8Page - Monolithic Power Systems MP163 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
5
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
SOIC-8-7B
SOIC-16
ABSOLUTE MAXIMUM RATINGS (1)
DRAIN to all other pins .................-0.3V to 700V
SOURCE, VCC, FB to all other pins (except
DRAIN) .........................................-0.3V to 700V
EN, IN to GND ................................-0.3V to 42V
OUT to GND ...................................-0.3V to 17V
VCC, FB to SOURCE ....................-0.3V to 6.5V
Continuous
power dissipation (TA = +25°C)
(2)
SOIC
-8-7B ...............................................1.45W
SOIC
-16................................................... 1.56W
Junction
temperature ..............................150°C
Lead
temperature....................................260°C
Storage
temperature .............. -60°C to +150°C
ESD
capability human body model....... 2.0kV
Recommended Operating Conditions
(3)
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC
-8-7B............................. 86....... 38... °C/W
SOIC
-16................................. 80....... 35... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowance continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowance power dissipation
will produces an excessive die temperature, causing the
regulator to go into thermal shutdown. Internal thermal
shutdown circuit protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com