Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP163 Datasheet HTML 2Page - Monolithic Power Systems MP163 Datasheet HTML 3Page - Monolithic Power Systems MP163 Datasheet HTML 4Page - Monolithic Power Systems MP163 Datasheet HTML 5Page - Monolithic Power Systems MP163 Datasheet HTML 6Page - Monolithic Power Systems MP163 Datasheet HTML 7Page - Monolithic Power Systems MP163 Datasheet HTML 8Page - Monolithic Power Systems MP163 Datasheet HTML 9Page - Monolithic Power Systems MP163 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
6
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5.5V, TJ = -40°C ~ 125°C, min and max are guaranteed by characterization, typical is
tested at 25°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Start-Up Current Source and Internal MOSFET (DRAIN)
Internal regulator supply
current
Iregulator
VCC = 4V, VDRAIN = 100V
2.2
4.1
6
mA
DRAIN leakage current
ILeak
VCC = 5.8V, VDRAIN = 400V
10
17
μA
Breakdown voltage
V(BR)DSS
TJ = 25°C
700
V
On resistance
Ron
MP163AGS-5, MP163AGS-33,
MP163AGSE-5, MP163AGSE-33,
TJ = 25°C
16
20
Ω
MP163BGS-5, MP163BGS-33,
MP163BGSE-5, MP163BGSE-33,
TJ = 25°C
14
18
MP163CGS-5, MP163CGS-33,
MP163CGSE-5, MP163CGSE-33,
TJ = 25°C
13.5
17
Supply Voltage Management (VCC)
VCC level (increasing) where
the internal regulator stops
VCCOFF
5.4
5.6
6
V
VCC level (decreasing) where
the internal regulator turns on
VCCON
5.1
5.3
5.8
V
VCC regulator on and off
hysteresis
130
250
mV
VCC level (decreasing) where
the IC stops
VCCstop
3
3.4
3.6
V
VCC level (decreasing) where
the protection phase ends
VCCpro
2.4
2.8
V
Internal IC consumption
ICC
TON = τmaxon, TOFF = τminoff
720
μA
Internal IC consumption (no
switching)
ICC
200
μA
Internal IC consumption, latch-
off phase
ICCLATCH
VCC = 5.3V
16
24
μA
Internal Current Sense
Leading-edge blanking
τLEB1
350
ns
Leading-edge blanking for SCP
(5)
τLEB1
180
ns
Peak current limit
ILimit
MP163AGS-5, MP163AGS-33,
MP163AGSE-5, MP163AGSE-33,
TJ = 25°C
188
210
232
mA
MP163BGS-5, MP163BGS-33,
MP163BGSE-5, MP163BGSE-33,
TJ = 25°C
380
420
460
MP163CGS-5, MP163CGS-33,
MP163CGSE-5, MP163CGSE-33,
TJ = 25°C
600
660
720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com