Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP163 Datasheet HTML 1Page - Monolithic Power Systems MP163 Datasheet HTML 2Page - Monolithic Power Systems MP163 Datasheet HTML 3Page - Monolithic Power Systems MP163 Datasheet HTML 4Page - Monolithic Power Systems MP163 Datasheet HTML 5Page - Monolithic Power Systems MP163 Datasheet HTML 6Page - Monolithic Power Systems MP163 Datasheet HTML 7Page - Monolithic Power Systems MP163 Datasheet HTML 8Page - Monolithic Power Systems MP163 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP163
700V, Non-Isolated, Offline Regulator
with Integrated LDO
MP163 Rev. 1.01
www.MonolithicPower.com
1
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP163 is a primary-side regulator that
provides
accurate,
dual-output,
constant
voltage (CV) regulation without an optocoupler.
The MP163 supports buck, boost, buck-boost,
and flyback topologies and has an integrated
700V MOSFET and an LDO to simplify the
structure and reduce cost. These features make
the MP163 an ideal regulator for offline, low-
power applications, such as home appliances
and standby power.
The MP163 is a green-mode
operation
regulator. Both the peak current and switching
frequency decrease as the load decreases.
This feature provides excellent efficiency at light
load and improves overall average efficiency.
Full
protection
features
includ
e
thermal
shutdown, VCC under-voltage lockout (UVLO),
overload
protection
(OLP),
short-circuit
protection (SCP), and open-loop protection.
The MP163 is available in SOIC16 and SOIC8-
7B package
s.
Part
Number
Typical
HV
Regulator
Peak
Current
Limit
Typical
HV
MOSFET
RDS(on)
LDO
Output
Voltage
MP163A-33
210mA
16Ω
3.3V
MP163A-5*
5V
MP163B-33
420mA
14Ω
3.3V
MP163B-5*
5V
MP163C-33
660mA
13.5Ω
3.3V
MP163C-5
5V
* Under development.
FEATURES
 Primary-Side Constant Voltage (CV) Control,
Supporting Buck, Boost, Buck-Boost, and
Flyback Topologies
 Integrated 700V MOSFET and Current
Source
 Internal LDO, Optimized for Dual Output
Applications
 Less than 30mW of No-Load Power
Consumption
 Up to 4W of Output Power
 Low VCC Operating Current
 Frequency Foldback
 Limited Maximum Frequency
 Peak-Current Compression
 Internally Biased VCC
 Thermal Shutdown, UVLO, OLP, SCP, and
Open-Loop Protection
 Available
in
SOIC16
and
SOIC8-7B
Packages
APPLICATIONS
Home Appliances, White Goods, and
Consumer Electronics
Industrial Controls
Standby Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP163

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP163AGSE-33 MPS-MP163AGSE-33 Datasheet
263Kb / 7P
Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
MP163CGS-5 MPS-MP163CGS-5 Datasheet
1Mb / 12P
Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
More results

Similar Description - MP163

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9442P WINSEMI-WS9442P Datasheet
852Kb / 9P
Non-isolated Buck Offline LED Driver
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
Non-isolated Offline LED Controller with Active PFC
logo
Unisonic Technologies
USL3533K UTC-USL3533K Datasheet
199Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP2836D BPS-BP2836D Datasheet
196Kb / 2P
Non-isolated Buck Offline LED Driver
BP8519C BPS-BP8519C Datasheet
339Kb / 2P
Non-isolated Offline CV Converter
BP9911CB BPS-BP9911CB Datasheet
252Kb / 2P
Non-isolated Buck Offline LED Driver
BP9918C BPS-BP9918C Datasheet
216Kb / 2P
Non-isolated Buck Offline LED Driver
BP2857D BPS-BP2857D Datasheet
272Kb / 2P
Non-isolated Buck Offline LED Driver
BP2866XJ BPS-BP2866XJ Datasheet
242Kb / 2P
Non-isolated Buck Offline LED Driver
BP2833A BPS-BP2833A Datasheet
423Kb / 8P
Non-isolated Buck Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com