Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP163 Datasheet HTML 11Page - Monolithic Power Systems MP163 Datasheet HTML 12Page - Monolithic Power Systems MP163 Datasheet HTML 13Page - Monolithic Power Systems MP163 Datasheet HTML 14Page - Monolithic Power Systems MP163 Datasheet HTML 15Page - Monolithic Power Systems MP163 Datasheet HTML 16Page - Monolithic Power Systems MP163 Datasheet HTML 17Page - Monolithic Power Systems MP163 Datasheet HTML 18Page - Monolithic Power Systems MP163 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
15
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Open-Loop Detection
If
FB voltage is less than 0.5V, the IC stops
switching
, and a restart cycle begins. During a
soft start, the open-loop detection is blanked.
Leading-Edge Blanking (LEB
)
An internal leading-edge blanking (LEB) unit
avoids premature switching pulse termination
due to a turn-on spike. A turn-on spike is
caused by parasitic capacitance and reverse
recovery of the freewheeling diode. During the
blanking time, the current comparator is
disabled and cannot turn off the external
MOSFET. Figure 5 shows the leading-edge
blanking.
ILIMIT
350ns
IDS
t
Figure 5: Leading-Edge Blanking
Integrated LDO
The continuous output current of the integrated
LDO is up to 150mA but is also limited by the
thermal performance. The peak output current
is limited to 270mA in OLP.
When the input of the integrated LDO (usually
the high-side buck output of the MP163) is
much higher than its output, there is a large
power dissipation on the MP163, which
worsens the thermal performance. An external
resistor connected to IN can help with the LDO
thermal by sharing part of the total voltage drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com