Electronic Components Datasheet Search
  English  ▼

X  

MP163 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP163
Description  700V, Non-Isolated, Offline Regulator with Integrated LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP163 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP163 Datasheet HTML 1Page - Monolithic Power Systems MP163 Datasheet HTML 2Page - Monolithic Power Systems MP163 Datasheet HTML 3Page - Monolithic Power Systems MP163 Datasheet HTML 4Page - Monolithic Power Systems MP163 Datasheet HTML 5Page - Monolithic Power Systems MP163 Datasheet HTML 6Page - Monolithic Power Systems MP163 Datasheet HTML 7Page - Monolithic Power Systems MP163 Datasheet HTML 8Page - Monolithic Power Systems MP163 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MP163 – 700V, NON-ISOLATED, OFFLINE REGULATOR WITH INTEGRATED LDO
MP163 Rev. 1.01
www.MonolithicPower.com
3
8/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP163AGS-33
SOIC8-7B
See Below
MP163AGSE-33
SOIC16
See Below
MP163BGS-33
SOIC8-7B
See Below
MP163BGSE-33
SOIC16
See Below
MP163CGS-5
SOIC8-7B
See Below
MP163CGSE-5
SOIC16
See Below
MP163CGSE-33
SOIC16
See Below
MP163CGS-33
SOIC8-7B
See Below
* For Tape & Reel, add suffix –Z (e.g. MP163AGS-33–Z)
TOP MARKING (MP163AGS-33)
M163A-33: Part number
LLLLLLLL: Lot number
MPS: MPS prefix
Y: Year code
WW: Week code
TOP MARKING (MP163BGS-33)
M163B-33: Part number
LLLLLLLL: Lot number
MPS: MPS prefix
Y: Year code
WW: Week code
TOP MARKING (MP163AGSE-33)
MPS: MPS prefix
YY: Year code
WW: Week code
MP163A-33: Part number
LLLLLLLLL: Lot number
TOP MARKING (MP163BGSE-33)
MPS: MPS prefix
YY: Year code
WW: Week code
MP163B-33: Part number
LLLLLLLLL: Lot number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com