Electronic Components Datasheet Search
  English  ▼

X  

MP2953B Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2953B Datasheet HTML 12Page - Monolithic Power Systems MP2953B Datasheet HTML 13Page - Monolithic Power Systems MP2953B Datasheet HTML 14Page - Monolithic Power Systems MP2953B Datasheet HTML 15Page - Monolithic Power Systems MP2953B Datasheet HTML 16Page - Monolithic Power Systems MP2953B Datasheet HTML 17Page - Monolithic Power Systems MP2953B Datasheet HTML 18Page - Monolithic Power Systems MP2953B Datasheet HTML 19Page - Monolithic Power Systems MP2953B Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
16
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
FIGURE 4(a). Steady State with Load @160A
Load transient performance is illustrated in
Figures 4(b)—(d). The MP2953B adaptively
changes the switching frequency of each
individual phase during load transient to achieve
fast closed-loop speed. Only one set of loop
compensation is needed, so it is very easy to set
the loop parameter.
Fig. 4(b) shows no ring-back when the load steps
up from 36A to 180A. Fig. 4(c) shows that the
overshoot of the output voltage is small during
load release. Fig. 4(d) shows the high-load
transient rate; the output voltage is stable. The
MP2953B meets Intel VR12.5 standards with a
minimum number of output capacitors.
FIGURE 4(b). Load Step Up @ 1kHz
FIGURE 4(c). Load Step Down @ 1kHz
FIGURE 4(d). Load Step @1MHz
Power State Change
The SVID bus changes the VR into different
power states to achieve high efficiency during
light-load conditions. These states are entered by
programming the power-state register using
SVID’s SetPS command. The VR optimizes its
power loss to flatten the efficiency curve over the
operating current range with the power-state
commands issued by the CPU.
In PS0 mode, all phases run in CCM. In PS1
mode (<20A load, typically), only one phase runs
with synchronous switching; the other phases are
in tri-state. In PS2 mode (<5A load, typically),
only one phase runs in the diode emulation mode;
the switching frequency decreases automatically
due to the light-load condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com