Electronic Components Datasheet Search
  English  ▼

X  

MP2953B Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2953B Datasheet HTML 1Page - Monolithic Power Systems MP2953B Datasheet HTML 2Page - Monolithic Power Systems MP2953B Datasheet HTML 3Page - Monolithic Power Systems MP2953B Datasheet HTML 4Page - Monolithic Power Systems MP2953B Datasheet HTML 5Page - Monolithic Power Systems MP2953B Datasheet HTML 6Page - Monolithic Power Systems MP2953B Datasheet HTML 7Page - Monolithic Power Systems MP2953B Datasheet HTML 8Page - Monolithic Power Systems MP2953B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MP2953B
Digital Multi-Phase Controller
with PMBus Interface for VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
1
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2953B is a digital multi-phase controller
that provides power for the core of the INTEL
VR12.5 platform. It works with MPS’ Intelli-
Phase products to complete the multi-phase VR
solution with minimal external components. It
can be configured for 1 ~ 6 phase operation.
The MP2953B provides on-chip EEPROM to
store and restore device configurations. Device
configurations and fault parameters are easy to
program or monitor using the PMBus interface.
The MP2953B monitors and reports the output
current through CS output from Intelli-Phase
products.
The MP2953B is based on a unique digital
multi-phase, non-linear control to provide fast
transient response to load transient with
minimal output capacitors. With only one power
loop control method for both steady state and
load transient, the power loop compensation is
easily configured.
FEATURES
• 6-Phase Digital PWM Controller
• Intel’s VR12.5 Compliant
• PMBus Compliant
• Serial VID Interface for Programming and
Monitoring
• Pin Programmable SVID registers
• Built-In
EEPROM
to
Store
Custom
Configurations
• Automatic Loop Compensation
• Less
External
Components
than
Conventional Analog Controllers
• Phase-Shedding at Light Load to Provide
High Efficiency
• Phase-to-Phase Active Current Balancing
• Input and Output Voltage, Current, and
Power Monitoring
• Regulator Temperature Monitoring
• Open-Drain
FAULT#
Signal
for
Fault
Notification
• RVP/OVP/UVP/OCP/OTP/UVLO Protection
with Options of No Action, Latch, Retry, or
Hiccup
• Adjustable Load-Line Regulation
• RoHS Compliant 5mmx5mm QFN-40
APPLICATIONS
• Server Core Voltage
• Graphic Card Core Regulators
• Telecom and Networking Systems
• Base Stations
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2953B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2905 MPS-MP2905 Datasheet
538Kb / 16P
3V-28V Input, Hysteretic Synchronous Step-Down Controller
MP2905EK MPS-MP2905EK Datasheet
538Kb / 16P
3V-28V Input, Hysteretic Synchronous Step-Down Controller
MP2905EK MPS-MP2905EK Datasheet
258Kb / 5P
12A,3~28V,300kHz,Hysteretic Synchronous Step-Down Controller Evaluation Board
MP2905EK MPS-MP2905EK Datasheet
240Kb / 5P
1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
More results

Similar Description - MP2953B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Analog Devices
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
Digital Controller for Power Supply Applications with PMBus Interface
REV. A
logo
uPI Group Inc.
UP1651Q UPI-UP1651Q Datasheet
277Kb / 21P
2/1-Phase PWM Controller with SVID for VR12.5
logo
Analog Devices
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
Digital Controller for Isolated Power Supply with PMBus Interface
6/2017-Rev. A to Rev. B
logo
Renesas Technology Corp
ISL95820 RENESAS-ISL95820 Datasheet
181Kb / 2P
Green Hybrid Digital Four Phase PWM Controller for Intel VR12.5™ CPUs
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com