Electronic Components Datasheet Search
  English  ▼

X  

MP2953B Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2953B Datasheet HTML 3Page - Monolithic Power Systems MP2953B Datasheet HTML 4Page - Monolithic Power Systems MP2953B Datasheet HTML 5Page - Monolithic Power Systems MP2953B Datasheet HTML 6Page - Monolithic Power Systems MP2953B Datasheet HTML 7Page - Monolithic Power Systems MP2953B Datasheet HTML 8Page - Monolithic Power Systems MP2953B Datasheet HTML 9Page - Monolithic Power Systems MP2953B Datasheet HTML 10Page - Monolithic Power Systems MP2953B Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
7
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD50 = 5 V, EN = 1V, VID = 0.50 V to 2.6 V, Current going into pin is positive, TJ =-10°C to 125°C,
unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
SVID Interface
(5)
VIL
Logic Low
0.45
V
VIH
Logic High
0.65
V
CPU Interface Voltage
(SDIO, SCLK)
Vhyst
Hysteresis
50
mV
Termination Resistance
(SDIO, SCLK, ALT#)
(5)
RPU
50
55
TBD
Ω
Leakage Current
(SDIO, SCLK, ALT#)
IL
0V to VTT
-10
10
μA
Pad Capacitance
(SDIO, SCLK, ALT#)
CPAD
4
pF
Pin Capacitance
(SDIO, SCLK, ALT#)
(5)
CPIN
5
pF
Buffer On Resistance
(SDIO, SCLK, ALT#)
(5)
RON
4
5
Ω
Maximum voltage
(SDIO, SCLK, ALT#)
VMAX
Transient Voltage including
Ringing
-0.3
2.1
V
Slew Rate
(SDIO, SCLK, ALT#)
(5)
2nH, 4pF Load
0.5
2
V/ns
VR Clock to Data Delay
(5)
4
8.3
ns
Setup Time
7
ns
Hold Time
14
ns
DAC (Reference Voltage)
Range
2.88
V
Resolution per LSB
10
mV
Output Voltage Slew Rate
(5)
100
mV/μs
DAC (Vout Calibration)
Range
350
mV
Resolution
8
bit
DAC (Protection)
Range
Adjustable via the PMBus
0.97~3.54
V
Resolution
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com