Electronic Components Datasheet Search
  English  ▼

X  

MP2953B Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2953B Datasheet HTML 2Page - Monolithic Power Systems MP2953B Datasheet HTML 3Page - Monolithic Power Systems MP2953B Datasheet HTML 4Page - Monolithic Power Systems MP2953B Datasheet HTML 5Page - Monolithic Power Systems MP2953B Datasheet HTML 6Page - Monolithic Power Systems MP2953B Datasheet HTML 7Page - Monolithic Power Systems MP2953B Datasheet HTML 8Page - Monolithic Power Systems MP2953B Datasheet HTML 9Page - Monolithic Power Systems MP2953B Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
6
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD50 = 5 V, EN = 1V, VID = 0.50 V to 2.6 V, Current going into pin is positive, TJ =-10°C to 125°C,
unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Relative to RTN, VDIFF is
Falling
0
mV
Reverse Voltage
Detection Threshold
(5)
VOSEN (RV)
Relative to RTN, VDIFF is
Rising
30
mV
CCM OUTPUT
Output Low Voltage
VOL
ICCM(SINK) = 400 µA
10
500
mV
Output High Voltage
VOH
ICCM(SOURCE) = -400 µA
3
VDD33-
0.02
V
PWM OUTPUTS
Output Low Voltage
VOL (PWM)
IPWM(SINK) = 400 µA
10
200
mV
Output High Voltage
VOH (PWM)
IPWM(SOURCE) = -400 µA
3.15
VDD33-
0.02
V
Rise and Fall Time
(5)
C = 10pF
10
ns
PWM Tri-State Leakage
PWM = 1.5V; EN = 0V
-1
1
µA
SUPPLY
Supply Voltage Range
VDD50
4.5
5
5.5
V
Supply Current
IVDD50
EN=High. Both the SVID
Bus and the Internal ID Bus
are Idle. No-Load Condition.
6-Phase Configuration.
16
mA
UVLO Threshold Voltage
VDDUVLO
VDD50 is Rising
4.13
4.5
V
UVLO Hysteresis
(5)
VDDUVLO
VDD50 is Falling
180
mV
1.8V REGULATOR
1.8V Regulator Output
Voltage
VDD18
IVDD18 = 0mA
1.8
V
1.8V Regulator Load
Capability
IVDD18
VOL = VDD18 - 40mV
30
mA
3.3V REGULATOR
3.3V Regulator Ouput
Voltage
VDD33
IVDD33 = 0mA
3.3
V
3.3V Regulator Load
Capability
IVDD33
VOL = VDD33 - 40mV
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com