Electronic Components Datasheet Search
  English  ▼

X  

MP2953B Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2953B Datasheet HTML 1Page - Monolithic Power Systems MP2953B Datasheet HTML 2Page - Monolithic Power Systems MP2953B Datasheet HTML 3Page - Monolithic Power Systems MP2953B Datasheet HTML 4Page - Monolithic Power Systems MP2953B Datasheet HTML 5Page - Monolithic Power Systems MP2953B Datasheet HTML 6Page - Monolithic Power Systems MP2953B Datasheet HTML 7Page - Monolithic Power Systems MP2953B Datasheet HTML 8Page - Monolithic Power Systems MP2953B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
2
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION
MP2953B
6- Phase VR12.5
Digital Controller
SCLK
SDIO
ALERT#
VTT =1.05V
SCLK
SDIO
ALT#
VRRDY
VRHOT#
VRRDY
PROCHOT#
EN
EN
PMBus
KIT
CPU
VRFLT#
+5V
VORTN
VOSEN
FB
VDIFF
CS_SUM
CS1
CS2
CS3
CS4
CS5
CS6
VOUT
PGND
VIN=12V
VFS
IMON
IREF
SW
PGND
BST
VDD
AGND
EN
PWM
CS
TEMP
SYNC
Intelli-
Phase
VIN
SW
PGND
BST
VDD
AGND
EN
PWM
CS
TEMP
SYNC
Intelli-
Phase
VIN
SW
PGND
BST
VDD
AGND
EN
PWM
CS
TEMP
SYNC
Intelli-
Phase
VIN
SW
PGND
BST
VDD
AGND
EN
PWM
CS
TEMP
SYNC
Intelli-
Phase
VIN
SW
PGND
BST
VDD
AGND
EN
PWM
CS
TEMP
SYNC
Intelli-
Phase
VIN
SW
PGND
BST
VDD
AGND
EN
PWM
CS
TEMP
SYNC
Intelli-
Phase
VIN
VDD33
ADDR_P
ADDR_S
VBOOT
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com