Electronic Components Datasheet Search
  English  ▼

X  

MP2953B Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2953B Datasheet HTML 1Page - Monolithic Power Systems MP2953B Datasheet HTML 2Page - Monolithic Power Systems MP2953B Datasheet HTML 3Page - Monolithic Power Systems MP2953B Datasheet HTML 4Page - Monolithic Power Systems MP2953B Datasheet HTML 5Page - Monolithic Power Systems MP2953B Datasheet HTML 6Page - Monolithic Power Systems MP2953B Datasheet HTML 7Page - Monolithic Power Systems MP2953B Datasheet HTML 8Page - Monolithic Power Systems MP2953B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
3
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
(*)
PACKAGE
Top Marking
MP2953BGU-xxxx
(**)
QFN-40 (5mmx5mm)
See Below
* For Tape & Reel, add suffix (e.g. MP2953BGU-xxxx
(**)-Z).
**: “xxxx” is the configuration code identifier for the register settings stored in the EEPROM. For the default case,
the number will be “0000.” Each “x” could have a hexadecimal value between 0 & F. Please work with the MPS
FAE to create this unique number even if ordering the “0000” code.
TOP MARKING
MPS: MPS Prefix
YY: Year Code
WW: Week Code
MP2953B: Part Number
LLLLLLL: Lot Number
PACKAGE REFERENCE
SCL_P
SDA_P
ALT_P#
DGND
VRRDY
VRHOT#
VRFLT#
ALT#
SDIO
SCLK
CS5
CS4
CS3
CS2
CS1
VDIFF
VFB
VOSEN
VORTN
CS_SUM
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com