Electronic Components Datasheet Search
  English  ▼

X  

MP2953B Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2953B Datasheet HTML 4Page - Monolithic Power Systems MP2953B Datasheet HTML 5Page - Monolithic Power Systems MP2953B Datasheet HTML 6Page - Monolithic Power Systems MP2953B Datasheet HTML 7Page - Monolithic Power Systems MP2953B Datasheet HTML 8Page - Monolithic Power Systems MP2953B Datasheet HTML 9Page - Monolithic Power Systems MP2953B Datasheet HTML 10Page - Monolithic Power Systems MP2953B Datasheet HTML 11Page - Monolithic Power Systems MP2953B Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
8
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD50 = 5 V, EN = 1V, VID = 0.50 V to 2.6 V, Current going into pin is positive, TJ =-10°C to 125°C,
unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Power Management Features
VIN UVLO Turn-On
Threshold
Adjustable via the PMBus
10.2
V
VIN UVLO Turn-Off
Threshold
Adjustable via the PMBus
9
V
Thermal Protection
Threshold
DBh = 961Eh
150
oC
Thermal Protection
Hysteresis
DBh = 961Eh
30
oC
PMBus DC Characteristics (ALT_P, SDA_P, SCL_P)
Input High Voltage
VIH
SCL_P, SDA_P
2.4
V
Input Low Voltage
VIL
SCL_P, SDA_P
0.8
V
Input Leakage Current
SCL_P, SDA_P, ALT_P
-10
10
μA
Output Low Voltage
VOL
ALT_P Sinks 2mA
400
mV
Maximum Voltage
VMAX
Transient
Voltage
including
Ringing
-0.3
3.3
3.6
V
Pin Capacitance
(5)
CPIN
10
pF
PMBus Timing characteristics
(5)
Operating Frequency Range
10
400
kHz
Bus Free Time
Period between Stop and Start
Condition
4.7
μs
Holding Time
4.0
μs
Repeated Start Condition
Setup Time
4.7
μs
Stop Condition Setup Time
4.0
μs
Data Hold Time
300
ns
Data Setup Time
250
ns
Clock Low Time Out
25
35
ms
Clock Low Period
4.7
μs
Clock High Period
4.0
50
μs
Clock/Data Fall Time
300
μs
Clock/Data Rise Time
1000
μs
Notes:
5)
Guaranteed by design or characterization data, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com