Electronic Components Datasheet Search
  English  ▼

X  

MP2953B Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2953B Datasheet HTML 1Page - Monolithic Power Systems MP2953B Datasheet HTML 2Page - Monolithic Power Systems MP2953B Datasheet HTML 3Page - Monolithic Power Systems MP2953B Datasheet HTML 4Page - Monolithic Power Systems MP2953B Datasheet HTML 5Page - Monolithic Power Systems MP2953B Datasheet HTML 6Page - Monolithic Power Systems MP2953B Datasheet HTML 7Page - Monolithic Power Systems MP2953B Datasheet HTML 8Page - Monolithic Power Systems MP2953B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
5
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD50 = 5 V, EN = 1V, VID = 0.50 V to 2.6 V, Current going into pin is positive, TJ =-10°C to 125°C,
unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
REMOTE SENSE AMPLIFIER
Bandwidth
(5)
GBW(RSA)
20
MHz
VORTN Current
I
RTN
-70
-400
μA
VOSEN Current
I
VOSEN
70
400
μA
OSCILLATOR
Frequency
f
OSC
IREF=1.23V; RIREF=61.9kΩ
1.56
MHz
SYSTEM INTERFACE CONTROL INPUTS
EN
Input Low Voltage
VIL(EN)
0.4
V
Input High Voltage
VIH(EN)
0.8
V
Enable High Leakage
IIH(EN)
EN=2V
3.6
µA
Enable Delay
TA
EN High to SVID Ready
2
5
ms
THERMAL THROTTLING CONTROL
VRHOT# Low Output
Impedance
IVRHOT# = 20mA, TA = 25°C
8
12
Ω
VRHOT# High Leakage
Current
VRHOT = 1.8V
-3
3
µA
IMON OUTPUT
Current Gain Accuracy
IMON/ICS_SUM
Measured from ICS_SUM to
IMON, ICS_SUM =1.2mA
1:32
A/A
COMPARATOR (VFB & VREF)
Propagation Delay
(5)
tPD
10
ns
Common-Mode Range
0
2.6
V
COMPARATOR (VFB & VREF-20mV)
Propagation Delay
(5)
tPD
10
ns
Common-Mode Range
0
2.6
V
COMPARATOR (Protection)
Under-Voltage
Threshold
VDIFF (UV)
Relative to Reference DAC
Voltage
−300
mV
Relative to Reference DAC
Voltage
300
mV
Over-Voltage Threshold
VDIFF (OV)
Relative to Protection DAC
Voltage
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com