Electronic Components Datasheet Search
  English  ▼

X  

MP2953B Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2953B Datasheet HTML 7Page - Monolithic Power Systems MP2953B Datasheet HTML 8Page - Monolithic Power Systems MP2953B Datasheet HTML 9Page - Monolithic Power Systems MP2953B Datasheet HTML 10Page - Monolithic Power Systems MP2953B Datasheet HTML 11Page - Monolithic Power Systems MP2953B Datasheet HTML 12Page - Monolithic Power Systems MP2953B Datasheet HTML 13Page - Monolithic Power Systems MP2953B Datasheet HTML 14Page - Monolithic Power Systems MP2953B Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
11
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
I/O
Description
1
CS5
I
Phase 5 Current Sense Input. Float CS of the unused phase.
2
CS4
I
Phase 4 Current Sense Input. Float CS of the unused phase.
3
CS3
I
Phase 3 Current Sense Input. Float CS of the unused phase.
4
CS2
I
Phase 2 Current Sense Input. Float CS of the unused phase.
5
CS1
I
Phase 1 Current Sense Input.
6
VDIFF
O
Differential Remote Sense Amplifier Output.
7
FB
I/O
Feedback. FB sources a current proportional to the sensed output current
(Idroop). This current flows through the resistor between FB and VDIFF to create
a voltage drop proportional to the load current. Ensure the resistor between
VDIFF and FB has a value that will set a proper load line.
8
VOSEN
I
Positive Remote Voltage Sense Input. VOSEN is connected directly to the VR
output voltage at the load and should be routed differentially with VORTN.
9
VORTN
I
Remote Voltage Sensing Return Input. VORTN is connected directly to
ground at the load and should be routed differentially with VOSEN.
10
CS_SUM
I
Total Phase Current, which Monitors AVP. Connect the active phase CS
signal to CS_SUM through current-sense resistors.
11
VBOOT
I/O
Boot Voltage Setting.
12
IMON
I/O
Analog Total Load Current Signal. IMON sources a current proportional to the
sensed total load current from CS_SUM. Connect an external resistor from
IMON to GND to program the gain.
13
TEMP
I
Analog Signal from the VR to the VID Controller to Indicate the Power
Stage Temperature. The MP2953B only supports temperature sensing from
Intelli-Phase. Connect all of Intelli-Phase’s VTEMP pins together to produce the
maximum junction temperature and then connect to TEMP.
14
VFS
I/O
Switching Frequency Setting.
15
VINSEN
I
Input Voltage Sensing. Connect VINSEN to the system input voltage through a
resistor divider.
16
ADDR_P
I/O
PMBus Address Setting.
17
ADDR_S
I/O
SVID Address Setting.
18
IREF
I
Internal Bias Current. Connect an 61.9kΩ resistor from IREF to GND.
19
VDD18
O
1.8V LDO Output for Current Sense. Connect a 1µF bypass capacitor to
digital ground.
20
VDD50
I
5V Analog Power Supply. Connect a 10µF bypass capacitor to digital ground.
21
SCLK
I
Source Synchronous Clock from the CPU. Frequency range from 10MHz to
26MHz.
22
SDIO
I/O
Data Signal between the CPU and VID Controller.
23
ALT#
O
Alert. ALT# is an open-drain output. It is the alert signal from the VID controller
to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com