Electronic Components Datasheet Search
  English  ▼

X  

LTC3121 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3121 Datasheet HTML 2Page - Linear Technology LTC3121 Datasheet HTML 3Page - Linear Technology LTC3121 Datasheet HTML 4Page - Linear Technology LTC3121 Datasheet HTML 5Page - Linear Technology LTC3121 Datasheet HTML 6Page - Linear Technology LTC3121 Datasheet HTML 7Page - Linear Technology LTC3121 Datasheet HTML 8Page - Linear Technology LTC3121 Datasheet HTML 9Page - Linear Technology LTC3121 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC3121
6
3121fa
For more information www.linear.com/LTC3121
Typical perForMance characTerisTics
Burst Mode Operation
Burst Mode Operation
to PWM Mode
PWM Mode to Burst Mode
Operation
Burst Mode Transient
Synchronized Operation
Short-Circuit Response
Efficiency vs Frequency
CAP Pin Voltage vs VOUT
VCC vs VIN
OUTPUT CURRENT (mA)
10
100
40
30
20
60
50
70
90
80
10
0
100
3121 G19
1000
fOSC = 200kHz
fOSC = 1MHz
fOSC = 3MHz
VOUT (V)
0
0
–3
–4
–5
–2
–1
–6
–7
10
6
4
2
3121 G20
8
14
12
1µs/DIV
3121 G26
VSW
5V/DIV
VPWM/SYNC
5V/DIV
SYNCHRONIZED TO 1.3MHz
20µs/DIV
3121 G23
VOUT
100mV/DIV
AC-COUPLED
VPWM/SYNC
2V/DIV
OUTPUT CURRENT = 70mA
20µs/DIV
3121 G24
VOUT
100mV/DIV
AC-COUPLED
VPWM/SYNC
2V/DIV
OUTPUT CURRENT = 70mA
5µs/DIV
3121 G22
VOUT
100mV/DIV
AC-COUPLED
VSW
10V/DIV
INDUCTOR
CURRENT
0.5A/DIV
OUTPUT CURRENT = 50mA
200µs/DIV
3121 G25
VOUT
200mV/DIV
AC-COUPLED
OUTPUT
CURRENT
100mA/DIV
10mA
10mA
100mA
VIN (V)
0
4.5
4.0
3.5
3.0
2.5
4
2
1
3121 G21
3
6
5
VIN FALLING
VIN RISING
200µs/DIV
3121 G27
VOUT
5V/DIV
INDUCTOR
CURRENT
1A/DIV
SHORT-CIRCUIT APPLIED
SHORT-CIRCUIT
REMOVED
ILOAD = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com