Electronic Components Datasheet Search
  English  ▼

X  

LTC3121 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3121
Description  15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3121 Datasheet(HTML) 1 Page - Linear Technology

  LTC3121 Datasheet HTML 1Page - Linear Technology LTC3121 Datasheet HTML 2Page - Linear Technology LTC3121 Datasheet HTML 3Page - Linear Technology LTC3121 Datasheet HTML 4Page - Linear Technology LTC3121 Datasheet HTML 5Page - Linear Technology LTC3121 Datasheet HTML 6Page - Linear Technology LTC3121 Datasheet HTML 7Page - Linear Technology LTC3121 Datasheet HTML 8Page - Linear Technology LTC3121 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC3121
1
3121fa
For more information www.linear.com/LTC3121
Typical applicaTion
FeaTures
DescripTion
15V, 1.5A Synchronous
Step-Up DC/DC Converter
with Output Disconnect
The LTC®3121 is a synchronous step-up DC/DC converter
withtrueoutputdisconnectandinrushcurrentlimiting.The
1.5A current limit along with the ability to program output
voltages up to 15V makes the LTC3121 well suited for a
varietyofdemandingapplications.Oncestarted,operation
will continue with inputs down to 500mV, extending run
time in many applications.
The LTC3121 features output disconnect in shutdown,
dramatically reducing input power drain and enabling
VOUT to completely discharge. Adjustable PWM switching
from 100kHz to 3MHz optimizes applications for highest
efficiency or smallest solution footprint. The oscillator
can also be synchronized to an external clock for noise
sensitive applications. Selectable Burst Mode operation
reducesquiescentcurrentto25µA,ensuringhighefficiency
across the entire load range. An internal soft-start limits
inrush current during start-up.
Otherfeaturesincludea<1µAshutdowncurrentandrobust
protectionundershort-circuit,thermaloverload,andoutput
overvoltage conditions. The LTC3121 is offered in a low
profile 12-lead (3mm × 4mm × 0.75mm) DFN package.
5V to 12V Synchronous Boost Converter with Output Disconnect
applicaTions
n
VIN Range: 1.8V to 5.5V, 500mV After Start-Up
n
Output Voltage Range: 2.2V to 15V
n
400mA Output Current for VIN = 5V and VOUT = 12V
n
Output Disconnects from Input When Shut Down
n
Synchronous Rectification: Up to 95% Efficiency
n
Inrush Current Limit
n
Up to 3MHz Adjustable Switching Frequency
Synchronizable to External Clock
n
Selectable Burst Mode® Operation: 25µA IQ
n
Output Overvoltage Protection
n
Soft-Start
n
<1µA IQ in Shutdown
n
12-Lead, 3mm × 4mm Thermally Enhanced DFN
Package
n
PCI Express Cards/Systems
n
Piezo Actuators
n
Small DC Motors
n
12V Analog Rail From Battery, 5V, or Backup Capacitor
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Efficiency Curve
3121 TA01a
VIN
SD
PWM/SYNC
RT
VCC
VOUT
CAP
FB
VC
LTC3121
SGND
PGND
210k
390pF
SW
6.8µH
113k
1.02M
10pF
4.7µF
100nF
22µF
VOUT
12V
400mA
57.6k
VIN
5V
4.7µF
ON
OFF
PWM
BURST
LOAD CURRENT (mA)
0.01
100
90
70
50
40
80
60
30
20
10
0
10
1
0.1
0.01
10
0.1
3121 TA01b
600
1
100
PWM
Burst Mode
OPERATION
PWM POWER LOSS


Similar Part No. - LTC3121

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3121EDE LINER-LTC3121EDE Datasheet
222Kb / 6P
High Efficiency 15V 1.5A Synchronous Step-Up Converter
More results

Similar Description - LTC3121

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3422 LINER-LTC3422 Datasheet
259Kb / 16P
1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3422 LINER-LTC3422_15 Datasheet
269Kb / 16P
1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3124 LINER-LTC3124_15 Datasheet
650Kb / 28P
15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3124 LINER-LTC3124 Datasheet
650Kb / 28P
15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122 Datasheet
505Kb / 26P
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com